Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950C Datasheet(PDF) 10 Page - Calogic, LLC

Part # LP2950C
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2950C Datasheet(HTML) 10 Page - Calogic, LLC

Back Button LP2950C Datasheet HTML 2Page - Calogic, LLC LP2950C Datasheet HTML 3Page - Calogic, LLC LP2950C Datasheet HTML 4Page - Calogic, LLC LP2950C Datasheet HTML 5Page - Calogic, LLC LP2950C Datasheet HTML 6Page - Calogic, LLC LP2950C Datasheet HTML 7Page - Calogic, LLC LP2950C Datasheet HTML 8Page - Calogic, LLC LP2950C Datasheet HTML 9Page - Calogic, LLC LP2950C Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
LP2950 / LP2951
CORPORATION
SCHEMATIC DIAGRAM
GND
SHDN
5V TAP
SENSE
OUT
FEEDBACK
IN
R25
2.8
k
Ω
R23 60k
Ω
R21 8
Ω
R24
50k
Ω
R16
30k
Ω
R15
100k
Ω
R17
10
Ω
R13
100
k
Ω
R14
350
k
Ω
R22
150k
Ω
R17
12k
Ω
R28
60k
Ω
R27
182k
Ω
R18
20k
Ω
R26
60k
Ω
R3
50k
Ω
R4
13k
Ω
R30
30k
Ω
R5
180
k
Ω
R6
140
k
Ω
R9
27.8k
Ω
R2
50k
Ω
R1
20k
Ω
R8
31.4k
Ω
R10
150
k
Ω
R12
110
k
Ω
R11
18
k
Ω
R11
20.6
k
Ω
Q1
Q30
Q31
Q19
Q18
Q29
Q28
Q22
Q21
Q20
Q34
Q40
Q41
Q42
Q13
Q12
Q3
Q4
Q7
Q8
Q9
Q6
Q15A
Q15B
Q16
Q17
Q14
Q25
Q24
Q23
Q11
Q38
Q37
Q36
Q39
Q26
Q2
Q5
C1
20pF
C2
40pF
1G-01
10
4
2
5
6
3
4
1
2
1
2
3
3
24
ERROR
— — — DENOTES CONNECTION ON LP2950 ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com