Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-DXFPF Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # TM-DXFPF
Description  LambdaDriver짰??0Gbps Transponder with FEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

TM-DXFPF Datasheet(HTML) 2 Page - MRV Communications, Inc.

  TM-DXFPF Datasheet HTML 1Page - MRV Communications, Inc. TM-DXFPF Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Bussiness Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
MRV-LD-TMDXFP
Rev.2
11-11
Copyright ©2011 MRV Communications, Inc. All Rights Reserved.
Product
Description
TM-DXFPF8T
10GE/OC192 FEC DWDM tunable wave transponder, XFP Access port, up 80km operating distance with
EYEMAX
Operating Temperature
- 5 to 45 oC (23 oF to 113 oF)
Storage Temperature
-10 to 70 oC (14 oF to 158 oF)
Relative Humidity
85% max, non-condensing
Dimensions (W x H x D)
26.93 x 130.7 x 227 mm (1.06 x 5.145 x 8.936 in)
Weight
0.700 kg (1.54 lb)
Connector
Access: XFP Trunk: MU
Power consumption
Module
XFP
13.5 W
3.5W
Enviromental
Technical Specifications
WDM TX power (dBm)
4 -7
Maximum receiver sensitivity (dBm)
-30
Overload (dBm)
- 8
DWDM wavelengths range
1528 - 1561nm on ITU-T G694.1 50Ghz grid
Wavelengths Accuracy
+/-10pm
Wavelengths Tuning
Time - cold start (sec)
30
Wavelengths Tuning
Time - warmed - up (sec)
0.5
Chromatic Dispersion tolerance at 1525nm - 1570nm
1600 ps/nm
Dispersion penalty at limit (dB)
2db
TM-DXFPF8T is a single short slot size module also capable
of Y-cable protection .
The Link Integrity Notification (LIN) function allows the
terminal equipment to detect link failure in the path between
two terminal equipment units regardless of the location of
the failure.
The LIN function is automatically disabled for SONET/SDH
signals.
The transponder provides power monitoring of the trunk
(DWDM) port in addition to Digital Diagnostics provided by
the XFP of the access port.
The transaponder can be managed either with the
LambdaDriver® management module from a local craft
terminal (CLI) or remotely from on SNMP manager such as
MRV’s MegaVision® NMS.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com