Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-DXFPF Datasheet (PDF) - MRV Communications, Inc.

Part # TM-DXFPF
Description  LambdaDriver짰??0Gbps Transponder with FEC
File Size   368.76 Kbytes
Html View  1   2 
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

TM-DXFPF Datasheet (PDF) - MRV Communications, Inc.



Similar Part No. - TM-DXFPF

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
TM-DXFP12T MRV-TM-DXFP12T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP16T MRV-TM-DXFP16T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP20T MRV-TM-DXFP20T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP35T MRV-TM-DXFP35T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
More results


Similar Description - TM-DXFPF

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
logo
MRV Communications, Inc...
TM-6DXFPF8 MRV-TM-6DXFPF8 Datasheet
1Mb / 2P
LambdaDriver 10Gbps Transponder with FEC (TM-6DXFPF)
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
SFP Multi-Rate Dual OTN/FEC Transponder
EM1600-8CC10G MRV-EM1600-8CC10G_14 Datasheet
258Kb / 2P
LambdaDriver짰 ??0Gbps 8 ports XFP - EXC Module
LD1600P MRV-LD1600P Datasheet
291Kb / 2P
LambdaDriver짰 1600 Chassis
TM2-XFPF MRV-TM2-XFPF Datasheet
326Kb / 2P
LambdaDriver짰??0GE XFP - Dual Transponder Module with FEC (TM2-XFPF)
TM2-XSFPFM MRV-TM2-XSFPFM Datasheet
1Mb / 2P
LambdaDriver짰??0Gbps - Dual Transponder Module with FEC
TM-40GT8 MRV-TM-40GT8 Datasheet
862Kb / 2P
LambdaDriver짰??DWDM 40Gbps Transponder
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com