Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-DXFPF Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # TM-DXFPF
Description  LambdaDriver짰??0Gbps Transponder with FEC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

TM-DXFPF Datasheet(HTML) 1 Page - MRV Communications, Inc.

  TM-DXFPF Datasheet HTML 1Page - MRV Communications, Inc. TM-DXFPF Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TM-DXFPF 10Gbps with Forward Error Correction (FEC)
transponder converts the “gray” wavelength of a 10 Gbps
terminal equipment interface into an ITU-T grid DWDM
wavelength enabling its transport via the LambdaDriver®
Optical Transport System (DWDM multiplexer, OADM, etc.).
The transponder supports OC-192/STM-64 and 10 GE protocols
with 3R signal conditioning.
The access (terminal equipment) interface is an XFP (10 Gbps
Small Form Factor Pluggables receptacle) while the trunk
(DWDM) port is an integrated 50GHz tunable DWDM interface.
A key feature of the transponder is the support for the G.709
FEC standard protocol as well as Enhanced FEC (EFEC) protocol
with better error-correction performance. The FEC/EFEC mode
is user-selectable.
The error-correction performance significantly extends the
overall distance reach of the link with very low BER.
For 10GE and OC192/STM-64 the G.709 digital wrapper
technology is used to transparently pass any type of payload.
Standard performance monitoring is supported for end-to-end
SONET/SDH terminated signals providing at each receive end
the relevant conditions and alarms as per ITU G.783, GR-474
standard definitions. Statistics for current 15-minute intervals
and up to 96 previous intervals can be viewed.
For 10GE traffic, performance parameters are as defined by
RFC 2819 (RMON), MIB2, and IfMib extensions. In addition, the
extensive information provided by G.709 monitoring allows for
detailed performance analyses such as BER, statistics, etc.
The TM-DXFPF8T module has the “EYEMAX” feature, which
enables FEC to optimize receiver performance based on the
incoming signal “eye pattern” measurement by automatically
setting the optimal reception threshold. This feature can be
considered as an on-board Automatic Electronic Dispersion
Compensator.
Line and Diagnostic Loop-back functionality is supported
and provides an invaluable tool for troubleshooting and
maintenance operations in a live network.The Diagnostic loop-
back function checks the integrity of the port internal circuitry
while the Line loop-back is used to check the fiber connections
integrity.
The Line Loop-back and the Diagnostic Loop-back are available
for Access (Client) ports.
LambdaDriver®–10Gbps Transponder with FEC (TM-DXFPF)
10 Gbps OC192/STM-64 or 10GE data rates
Full 3R support
G.709 performance monitoring
Line and Diagnostics Loop-back testing
50GHz spacing ITU-grid(G.694.1) DWDM Trunk
Dispersion tolerance up to 200km
XFP digital diagnostics
Link Integrity notification (LIN)
Y-Cable redundancy support
Hot swappable
EYEMAX capability
10 GE or SDH/SONET signal regeneration and
optical wavelength conversion
DWDM networks with end-to-end performance
monitoring
Distance extension of existing 10 Gbps DWDM
networks
Overview
Applications
TM-DXFPF8T
G709 FEC
10GE
or
STM64
10GE
or
STM64
TM-DXFPF8T
Forward Error Correction for distance extension
TM-DXFPF8T
Features
Not sure what solution best suits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - TM-DXFPF

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
TM-DXFP12T MRV-TM-DXFP12T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP16T MRV-TM-DXFP16T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP20T MRV-TM-DXFP20T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP35T MRV-TM-DXFP35T Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
More results

Similar Description - TM-DXFPF

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
logo
MRV Communications, Inc...
TM-6DXFPF8 MRV-TM-6DXFPF8 Datasheet
1Mb / 2P
LambdaDriver 10Gbps Transponder with FEC (TM-6DXFPF)
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
SFP Multi-Rate Dual OTN/FEC Transponder
EM1600-8CC10G MRV-EM1600-8CC10G_14 Datasheet
258Kb / 2P
LambdaDriver짰 ??0Gbps 8 ports XFP - EXC Module
LD1600P MRV-LD1600P Datasheet
291Kb / 2P
LambdaDriver짰 1600 Chassis
TM2-XFPF MRV-TM2-XFPF Datasheet
326Kb / 2P
LambdaDriver짰??0GE XFP - Dual Transponder Module with FEC (TM2-XFPF)
TM2-XSFPFM MRV-TM2-XSFPFM Datasheet
1Mb / 2P
LambdaDriver짰??0Gbps - Dual Transponder Module with FEC
TM-40GT8 MRV-TM-40GT8 Datasheet
862Kb / 2P
LambdaDriver짰??DWDM 40Gbps Transponder
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com