Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8031ARTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8031ARTZ
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ARTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8031ARTZ Datasheet HTML 6Page - Analog Devices AD8031ARTZ Datasheet HTML 7Page - Analog Devices AD8031ARTZ Datasheet HTML 8Page - Analog Devices AD8031ARTZ Datasheet HTML 9Page - Analog Devices AD8031ARTZ Datasheet HTML 10Page - Analog Devices AD8031ARTZ Datasheet HTML 11Page - Analog Devices AD8031ARTZ Datasheet HTML 12Page - Analog Devices AD8031ARTZ Datasheet HTML 13Page - Analog Devices AD8031ARTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 10 of 32
LINK CONFIGURATION OPTIONS
Care should be taken before applying power and signals to the
evaluation board to ensure that all link positions are as required
by the operating mode. There are two modes in which to operate
the evaluation board. The evaluation board can be operated in
SDP controlled mode to be used with the SDP board, or the
evaluation board can be used in standalone mode.
When operating in SDP controlled mode, ensure that VIO is
3.3 V. Operating with a VIO greater than 3.3 V in SDP controlled
mode may damage the SDP board.
The Default Position column of Table 3 shows the default
positions in which the links are set when the evaluation board is
packaged. When the board is shipped, it is assumed that you are
going to operate the evaluation board with the SDP board (SDP
controlled mode).
Table 3. Solder Links—Factory Default Settings
Link
Setting
Function
Comment
SL1
A
+VS
Change to B if using bench supplies.
SL2
A
−VS
Change to B if using bench supplies.
SL3
A
−VS
Change to B if using bench supplies.
SL4
A
+VS
Change to B if using bench supplies.
SL5
A
Analog input
Do not alter.
SL6
A
Analog input
Do not alter.
LK3
A
V_SDP
Change to B if using bench supplies.
LK4
A
VREF
Change to B if using bench supplies.
LK5
A
VDD for ADC
Change to B if using bench supplies.
LK6
A
U12 output connects to
U14 input
Change to B if U14 inverting input needs to be connected to ground.
LK7
A
U17 output connects to
U16 input
Change to B if U16 inverting input needs to be connected to ground.
LK8
A
ADC2 input
Change to B if using ADC1 input.
LK9
A
ADC2 input
Change to B if using ADC1 input.
LK10
A
U17 input
Change to B if U17 needs to be bypassed.
LK11
A
U17 input
Change to B if U17 needs to be bypassed.
LK12
A
U16 input
Change to B if U16 needs to be bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com