Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8031ARTZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8031ARTZ
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ARTZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8031ARTZ Datasheet HTML 13Page - Analog Devices AD8031ARTZ Datasheet HTML 14Page - Analog Devices AD8031ARTZ Datasheet HTML 15Page - Analog Devices AD8031ARTZ Datasheet HTML 16Page - Analog Devices AD8031ARTZ Datasheet HTML 17Page - Analog Devices AD8031ARTZ Datasheet HTML 18Page - Analog Devices AD8031ARTZ Datasheet HTML 19Page - Analog Devices AD8031ARTZ Datasheet HTML 20Page - Analog Devices AD8031ARTZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 17 of 32
GENERATING A HISTOGRAM OF THE ADC CODE
DISTRIBUTION
The Histogram tab can be used to perform ac testing or, more
commonly, dc testing. This tab shows the ADC code distribution of
the input and computes the mean and standard deviation, which are
displayed as DC Offset/Mean and Transition Noise, respectively,
in the Histogram Analysis area (located toward the bottom of
the window).
Figure 23 shows the histogram with ac input for a 1 kHz sine
wave applied to the ADC input and the resulting calculations.
AC Input
To perform a histogram test of ac input,
1. Apply a differential sinusoidal signal with low distortion
(better than 100 dB) to the evaluation board at the J6/J7 or
J10/J15 input SMA connector pair.
2. Click the Histogram tab from the main window.
3. Click Single Capture or Continuous Capture.
Raw data is then captured and passed to the PC for statistical
computations, and various measured values are displayed in the
Histogram Analysis area.
DC Input
A histogram test of dc input can be performed with or without
an external source because the evaluation board has a buffered
VREF/2 source at the ADC input.
To perform a histogram test of dc input,
1. If an external source is being used, apply a differential
sinusoidal signal with low distortion (better than 100 dB)
to the evaluation board at the J6/J7 or J10/J15 input SMA
connector pair. It may be required to filter the signal to ensure
that the dc source is noise-compatible with the ADC.
2. Click the Histogram tab from the main window.
3. Click Single Capture or Continuous Capture.
Raw data is then captured and passed to the PC for statistical
computations, and various measured values are displayed in the
Histogram Analysis area.
Figure 23. Histogram Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com