Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8031ARTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8031ARTZ
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ARTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8031ARTZ Datasheet HTML 14Page - Analog Devices AD8031ARTZ Datasheet HTML 15Page - Analog Devices AD8031ARTZ Datasheet HTML 16Page - Analog Devices AD8031ARTZ Datasheet HTML 17Page - Analog Devices AD8031ARTZ Datasheet HTML 18Page - Analog Devices AD8031ARTZ Datasheet HTML 19Page - Analog Devices AD8031ARTZ Datasheet HTML 20Page - Analog Devices AD8031ARTZ Datasheet HTML 21Page - Analog Devices AD8031ARTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 18 of 32
GENERATING A FAST FOURIER TRANSFORM
OF AC CHARACTERISTICS
Figure 24 shows the FFT tab. This feature tests the traditional
ac characteristics of the converter and displays a fast Fourier
transform (FFT) of the results.
To perform an ac FFT test,
1. Apply a differential sinusoidal signal with low distortion
(better than 100 dB) to the evaluation board at the J6/J7 or
J10/J15 input SMA connector pair. To attain the requisite
low distortion, which is necessary to allow true evaluation
of the part, one option is to
a. Filter the input signal from the ac source. A band-pass
filter can be used; its center frequency must match the
test frequency of interest.
b. If a low frequency band-pass filter is used when the full-
scale input range is more than a few volts peak-to-peak,
use the on-board amplifiers to amplify the signal, thus
preventing the filter from distorting the input signal.
2. Click the FFT tab from the main window.
3. Click Sample.
As in the histogram test, raw data is then captured and passed
to the PC, which performs the FFT and displays the resulting
SNR, SINAD, THD, and SFDR.
The FFT Analysis area displays the results of the captured data.
•
The area labeled 1 in Figure 24 shows the spectrum
information.
•
The area labeled 2 in Figure 24 displays the fundamental
frequency and amplitude. You can also click Show
Harmonic Content to view information about the second
to fifth harmonics.
•
The area labeled 3 in Figure 24 displays the performance
data, including the SNR, dynamic range, THD, SINAD,
and noise performance.
Figure 24. FFT Tab
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com