Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGA Datasheet(PDF) 1 Page - C&D Technologies

Part # NGA
Description  Non-Isolated Wide Input DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NGA Datasheet(HTML) 1 Page - C&D Technologies

  NGA Datasheet HTML 1Page - C&D Technologies NGA Datasheet HTML 2Page - C&D Technologies NGA Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.cdpoweronline.com
SELECTION GUIDE1
FEATURES
■
Industry Standard Footprint
■
Short Circuit Protection
■
Efficiency to 95%
■
Wide Input Range
■
1.8V, 2.5V, 3.3V & 5V Output
■
Operating Temperature Range
–40°C to 85°C
■
SMD Construction
■
Optional Shutdown & Trim Pins
DESCRIPTION
The NGA series is a range of low profile
DC/DC converters offering a single regulated
output over a wide input voltage range. All
parts deliver the full output power up to 85°C
without the need for external heatsinking
while the synchronus rectification design
yields excellent efficiencies up to 95%.
Nominal Output
Output
Nominal
Power
Nominal
Input
Voltage
Current
Input Current
Consumption @ Efficiency
Voltage
@ Full Load
Shutdown
Min Full
Min Nom Max Min Nom Max Min Max
Load Load VIN
VIN
VIN
VIN
VIN
VIN
VIN
VIN
Order Code
(V)
(V)
A
mA
mW
%
NGA10S15018S
15
1.8
0
2.0 847 280 160 0.5 4.8 16.1 89
81
NGA10S15025S
15
2.5
0
2.0 1142 380 210 0.5 4.8 16.1 92
85
NGA10S15033S
15
3.3
0
2.0 1478 480 269 0.5 4.8 16.1 94
88
NGA10S15050S2
15
5.0
0
2.0 1493 705 388 1.0 4.8 16.1 95
92
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation
Voltage Range
1.8,2.5 & 3.3V output types
4.75
15
28
VDC
Continuous operation NGA10S15050S
7.0
15
28
Continuous operation NGA10S15050SE Variable3
15
28
1.8V output types
29
Reflected Ripple 2.5V output types
49
mA p-p
Current
3.3V output types
48
5.0V output types
99
INPUT CHARACTERISTICS1
OUTPUT CHARACTERISTICS1
ABSOLUTE MAXIMUM RATINGS
NGA SERIES
Non-Isolated Wide Input DC/DC Converters
ENVIRONMENTAL1
TERMINOLOGY
Parameter
Conditions
MIN
TYP
MAX
Units
Operation
– 40
85
°C
Storage
– 50
125
°C
PCB Temperature above Ambient
40
°C
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power
T
A = –40°C to 85°C
10
W
Voltage Set
±1.5
±5.0
%
Point Accuracy
Low line to high line,
Line Regulation with external input/output capacitors,
0.2
0.5
%/%
refer to test circuit
10% load to 100% load,
Load Regulation with external input/output capacitors,
1.5
2.0
%
refer to test circuit
BW = DC to 20MHz
Ripple & Noise With external input/output capacitors,
40
70
mVp-p
refer to test circuit
TRANSIENT RESPONSE
Time for V
OUT to be within 1% of VNOM where VNOM =
V
OUT 25% +VOUT 75%
2
OVER-SHOOT/UNDER-SHOOT
MAX deviation from final steady state output.
START DELAY
Typical rise time (ms) after control pin high with valid input.
1 Specifications typical at TA =25°C, nominal input voltage and rated output current unless otherwise specified.
2. If optional VADJ and SD pin are required (as indicated in the mechanical dimensions diagram) suffix the part
number with an E when ordering, i.e. NGA10S15050SE.
3. Supply voltage should exceed output voltage by 1.45V.
Short circuit protection
Continuous
Internal power dissipation
1.1W
Lead temperature 1.5mm from case for 10 seconds
300°C
Input Voltage VIN
28V
Minimum load
0%
Output Trim Control
0V to +5V relative to 0V
Shutdown Control
–0.3V to +28V relative to 0V


Similar Part No. - NGA

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
NGA GAMEWELL-FCI-NGA Datasheet
311Kb / 5P
Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
logo
SIRENZA MICRODEVICES
NGA-186 SIRENZA-NGA-186 Datasheet
386Kb / 5P
DC-6000 MHZ, CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-286 ETC-NGA-286 Datasheet
351Kb / 5P
DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-286 SIRENZA-NGA-286 Datasheet
351Kb / 5P
DC-6000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-386 STANFORD-NGA-386 Datasheet
283Kb / 7P
DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
More results

Similar Description - NGA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
Astrodyne Corporation
OFN20 ASTRODYNE-OFN20 Datasheet
411Kb / 3P
20W Wide Input,Non-Isolated Single Inline DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
Isolated 1W Wide Input DC/DC Converters
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
Non-Isolated, Wide Input SMT DC/DC Converters
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
Non-Isolated Wide Input DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Astrodyne Corporation
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
logo
Toppower Electronic Tec...
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com