Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGA Datasheet(PDF) 3 Page - C&D Technologies

Part # NGA
Description  Non-Isolated Wide Input DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NGA Datasheet(HTML) 3 Page - C&D Technologies

  NGA Datasheet HTML 1Page - C&D Technologies NGA Datasheet HTML 2Page - C&D Technologies NGA Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NGA SERIES
Non-Isolated Wide Input DC/DC Converters
APPLICATION NOTES
EXTERNAL CAPACITANCE
External capacitors are necessary in
order to guarantee stability and full
parametric performance over the full line
and load range. All parts have
been tested and characterised using the
following values and test circuit.
TEST CIRCUIT
Value1
C
IN
C
OUT
100µF, 50V
100µF, 10V
++
COUT
CIN
VIN
VOUT
GND
GND
NGA
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NDC NGA.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
1 Specifications typical at TA =25°C, nominal input voltage and rated output current unless otherwise specified.
2 Accuracy of adjustment is subject to tolerance of resistors and initial output accuracy.
SHUTDOWN
When the shutdown pin is shorted to the
0V, the device’s output will be disabled.
To shutdown the device the pin should be
taken below 0.8V using either an open
collector pull down or by using isolated
relay contacts. To enable the device
output the shutdown pin should be left
floating or taken no less than +1.5V to
MAX (+28V).
If the shutdown pin is to be connected to
a long wire, it is recommended that a
capacitor (10nF) decouples the shutdown
pin to the 0V in order to avoid the risk of
injecting noise into the device circuit.
VOLTAGE TRIMMING
The trimming (adjust) input on the device
allows output voltage adjustment to within
±5%2 of the desired VOUT using a resistor
with a value determined by the following
equations.
When open circuit, the output will be +5V.
A resistor (RD) between the trim pin and
the output pin will adjust the output
voltage between +5V to +1.8V.
1 = (22(1.028V
O–1))
–1
–0.011
RD
A resistor (RU) between the trim pin and
the 0V pin will adjust the device output
from +5V to +5.5V.
1 = (1.02VO)–1
RU
91
0.0455
NGA
NGA
OFF
ON
BC182 or equiv
10nF
(optional)
TTL
1KΩ
VIN
VADJ
SD
0V
VOUT
RD
NGA
VIN
VADJ
SD
0V
VOUT
RU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com