Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGA Datasheet(PDF) 2 Page - C&D Technologies

Part # NGA
Description  Non-Isolated Wide Input DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NGA Datasheet(HTML) 2 Page - C&D Technologies

  NGA Datasheet HTML 1Page - C&D Technologies NGA Datasheet HTML 2Page - C&D Technologies NGA Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NGA SERIES
Non-Isolated Wide Input DC/DC Converters
GENERAL CHARACTERISTICS1
Parameter
Conditions
MIN
TYP
MAX Units
Switching Frequency
270
300
330
kHz
50% load change, 1.8V output types
90(160)
Transient Response
50% load change, 2.5V output types
84(145)
MAX Over-Shoot
50% load change, 3.3V output types
83(130)
mV(µs)
50% load change, 5.0V output types
75(40)
50% load change, 1.8V output types
64(160)
Transient Response
50% load change, 2.5V output types
86(145)
MAX Under-Shoot
50% load change, 3.3V output types
84(120)
mV(µs)
50% load change, 5.0V output types
74(80)
Under Voltage
1.8, 2.5 & 3.3V output types
4.0
Lock Out
5.0V output types
5.0
V
Start Delay
VIN MIN to VIN MAX
100
ms
ESD
400VDC from 100pF capacitor
Meets MIL-STD-833E
via 1500Ω resistance
method 3015.7
Weight: 4.0g
0.825
(20.96)
0.1
(2.54)
0.846
(21.49)
MECHANICAL DIMENSIONS
0.877
(22.29)
0.22
(5.60)
0.014±0.002
(0.35±0.05)
0.02±0.002
(0.50±0.05)
0.312
(7.92)
4
5*
3
2
1*
2
1*
5*
3
4
0.161 (4.1)
3 Pin SIP Package Style
0.149
(3.78)
1 Specifications typical at TA =25°C, nominal input voltage and rated output current
unless otherwise specified.
Unless otherwise stated all dimensions in inches(mm) ±0.01(0.25).
* Optional pins available on NGA10S15050SE only.
PIN CONNECTIONS
Pin Number
1*
2
3
4
5*
SD
V
IN
GND
V
OUT
V
ADJ
RECOMMENDED FOOTPRINT DETAILS
0.1
(2.54)
Ø
0.057(1.45)
0.051(1.30)
0.1
(2.54)
Ø 0.004(0.10)
All pins on a 0.1(2.54) pitch
and within 0.01(0.25) of true position.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com