Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA75LS24 Datasheet(PDF) 1 Page - C&D Technologies

Part # VKA75LS24
Description  75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKA75LS24 Datasheet(HTML) 1 Page - C&D Technologies

  VKA75LS24 Datasheet HTML 1Page - C&D Technologies VKA75LS24 Datasheet HTML 2Page - C&D Technologies VKA75LS24 Datasheet HTML 3Page - C&D Technologies VKA75LS24 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
75 Watt Single Output Half Brick DC/DC Converter
VKA75xS
VKA75xS
VKA75xS
VKA75xS
VKA75xS
!
!
!
!
!
18-36 V & 33 - 75V Input Range
!
!
!
!
!
High Efficiency: 87% Typical at
5V
!
!
!
!
!
100
µS Transient Response 50-
100% Load Step
!
!
!
!
!
420 kHz Fixed-Frequency
Operation
!
!
!
!
!
Remote Sense
!
!
!
!
!
Operation to +100
°C Baseplate
Temperature
!
!
!
!
!
Primary Remote On/Off, Choice of
Pos/Neg Logic
!
!
!
!
!
Adjustable Output Voltage
!
!
!
!
!
Continuout Short-Circuit Protection
!
!
!
!
!
Thermal Shutdown
!
!
!
!
!
Case Ground Pin
!
!
!
!
!
UL/CUL 60950, VDE EN60950
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
The VKA75xS Series DC/DC
converters present an economical and
practical solution for distributed
power system architectures which
require high power density and
efficiency while maintaining system
modularity and upgradeability. With
the ability to operate over a wide
input voltage range of 18 to 36 and
33 to 75 volts, these modules are
ideal for use in battery backup
applications common in todays'
telecommunication and electronic
data processing applications. The
output is fully isolated from the
input, allowing for a variety of
polarity and grounding configura-
tions.
The VKA75xS's proprietary
control circuitry responds to 50-100%
load steps in 100
µSeconds to within
1% nominal Vout.
The patented fixed frequency
architecture combined with surface
mount technology results in a com-
pact, efficient and reliable solution to
DC/DC conversion requirements.
MODEL
INPUT
VOUT
IOUT
EFFICIENCY
VOLTAGE
(VDC)
(A)
MIN
TYP
VKA75LS02
2.0V
15.0
75
76
VKA75LS03
3.3V
15.0
80
81
VKA75LS05
24VDC
5.0V
15.0
85
86
VKA75LS12
12.0V
6.3
87
88
VKA75LS15
(18-36)
15.0V
5.0
88
89
VKA75LS24
24.0V
3.1
89
90
VKA75MS02
2.0V
15.0
76
77
VKA75MS03
3.3V
15.0
81
82
VKA75MS05
48VDC
5.0V
15.0
86
87
VKA75MS12
12.0V
6.3
88
89
VKA75MS15
(33-75)
15.0V
5.0
89
90
VKA75MS24
24.0V
3.1
89
90
PRODUCT SELECTION CHART
VKA75xS
Rev D
1/2003


Similar Part No. - VKA75LS24

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKA75LS24C MURATA-PS-VKA75LS24C Datasheet
302Kb / 4P
75 Watt Single Output Half Brick DC/DC Converter
More results

Similar Description - VKA75LS24

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
VKA75LS05C MURATA-PS-VKA75LS05C Datasheet
302Kb / 4P
75 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com