Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS44262SPBF. Datasheet(PDF) 5 Page - International Rectifier

Part # IRS44262SPBF.
Description  DUAL LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS44262SPBF. Datasheet(HTML) 5 Page - International Rectifier

  IRS44262SPBF. Datasheet HTML 1Page - International Rectifier IRS44262SPBF. Datasheet HTML 2Page - International Rectifier IRS44262SPBF. Datasheet HTML 3Page - International Rectifier IRS44262SPBF. Datasheet HTML 4Page - International Rectifier IRS44262SPBF. Datasheet HTML 5Page - International Rectifier IRS44262SPBF. Datasheet HTML 6Page - International Rectifier IRS44262SPBF. Datasheet HTML 7Page - International Rectifier IRS44262SPBF. Datasheet HTML 8Page - International Rectifier IRS44262SPBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IRS44262S(TR)PBF
5
www.irf.com
© 2013 International Rectifier
March 4, 2013
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are
absolute voltages referenced to COM unless otherwise stated in the table. The offset rating is tested with supply
of VCC = 15V.
Symbol
Definition
Min
Max
Units
VCC
Supply voltage
-0.3
20
V
VO
Output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage
-0.3
VCC + 0.3
PD
Package power dissipation @ TA ≤ 25°C
—
0.625
W
RthJA
Thermal resistance, junction to ambient
—
200
°C/W
TJ
Junction temperature
—
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Symbol
Definition
Min
Max
Units
VCC
Supply voltage
11.2
20
V
VO
Output voltage
0
VCC
VIN
Logic input voltage
0
VCC
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com