Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS44262SPBF. Datasheet(PDF) 9 Page - International Rectifier

Part # IRS44262SPBF.
Description  DUAL LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS44262SPBF. Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS44262SPBF. Datasheet HTML 5Page - International Rectifier IRS44262SPBF. Datasheet HTML 6Page - International Rectifier IRS44262SPBF. Datasheet HTML 7Page - International Rectifier IRS44262SPBF. Datasheet HTML 8Page - International Rectifier IRS44262SPBF. Datasheet HTML 9Page - International Rectifier IRS44262SPBF. Datasheet HTML 10Page - International Rectifier IRS44262SPBF. Datasheet HTML 11Page - International Rectifier IRS44262SPBF. Datasheet HTML 12Page - International Rectifier IRS44262SPBF. Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IRS44262S(TR)PBF
9
www.irf.com
© 2013 International Rectifier
March 4, 2013
Lead Definitions
PIN
Symbol
Description
1
NC
No connection
2
INA
Logic input for gate driver output (OUTA), out of phase
3
COM
Ground
4
INB
Logic input for gate driver output (OUTB), out of phase
5
OUTB
Gate drive output B
6
VCC
Supply voltage
7
OUTA
Gate drive output A
8
NC
No connection
Lead Assignments
8
7
6
5
NC
NC
INA
1
2
3
4
VCC
OUTA
OUTB
COM
INB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com