Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS44262SPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRS44262SPBF.
Description  DUAL LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS44262SPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRS44262SPBF. Datasheet HTML 1Page - International Rectifier IRS44262SPBF. Datasheet HTML 2Page - International Rectifier IRS44262SPBF. Datasheet HTML 3Page - International Rectifier IRS44262SPBF. Datasheet HTML 4Page - International Rectifier IRS44262SPBF. Datasheet HTML 5Page - International Rectifier IRS44262SPBF. Datasheet HTML 6Page - International Rectifier IRS44262SPBF. Datasheet HTML 7Page - International Rectifier IRS44262SPBF. Datasheet HTML 8Page - International Rectifier IRS44262SPBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IRS44262S(TR)PBF
1
www.irf.com
© 2013 International Rectifier
March 4, 2013
DUAL LOW SIDE DRIVER
Features
•
Gate drive supply range from 10.2 V to 20 V
•
CMOS Schmitt-triggered inputs
•
3.3V and 5V logic compatible
•
Two independent gate drivers
•
Matched propagation delay for both channels
•
Outputs out of phase with inputs
•
Leadfree, RoHS compliant
Typical Applications
•
General Purpose Dual Low Side Driver
•
DC-DC converters
Product Summary
Topology
General Driver
VOUT
10V - 20V
Io+ & I o- (typical)
2.3A & 3.3A
ton & toff (typical)
50ns & 50ns
Package Type
SOIC8N
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IRS44262S
SOIC8N
Tube/Bulk
95
IRS44262SPBF
Tape and Reel
2500
IRS44262STRPBF


Similar Part No. - IRS44262SPBF.

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS44262SPBF INFINEON-IRS44262SPBF Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
March 4, 2013
More results

Similar Description - IRS44262SPBF.

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
DUAL LOW SIDE DRIVER
Oct-1990
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
DUAL LOW SIDE DRIVER
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
DUAL LOW SIDE DRIVER
IR25600SPBF IRF-IR25600SPBF Datasheet
625Kb / 10P
Dual Low Side Driver
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
Dual Low Side Driver
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
DUAL LOW SIDE DRIVER
July 29, 2011
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com