Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO2802R5D Datasheet(PDF) 3 Page - International Rectifier

Part # LSO2802R5D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5D Datasheet(HTML) 3 Page - International Rectifier

  LSO2802R5D Datasheet HTML 1Page - International Rectifier LSO2802R5D Datasheet HTML 2Page - International Rectifier LSO2802R5D Datasheet HTML 3Page - International Rectifier LSO2802R5D Datasheet HTML 4Page - International Rectifier LSO2802R5D Datasheet HTML 5Page - International Rectifier LSO2802R5D Datasheet HTML 6Page - International Rectifier LSO2802R5D Datasheet HTML 7Page - International Rectifier LSO2802R5D Datasheet HTML 8Page - International Rectifier LSO2802R5D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.irf.com
3
LSO SERIES
28V Input, Single/Dual Output
Design Methodology
The LSO Series was developed using a proven
conservative design methodology derived from other
space level designs that includes selection of
established reliability components and fully derating
to the requirements of MIL-STD-1547, MIL-PRF-975
and NASA EEE-INST-002 except for the CDR type
ceramic capacitors, a capacitor with 50V rating is
used for in-circuit voltage stress of less than 10V. A
magnetic feedback circuit is utilized instead of opto
-couplers to minimize temperature, aging and
radiation sensitivity. PSPICE was used extensively
to predict and optimize circuit performance for both
beginning and end-of-life. Thorough design
analyses include stress, thermal, and reliability
(MTBF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com