Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO2802R5D Datasheet(PDF) 6 Page - International Rectifier

Part # LSO2802R5D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5D Datasheet(HTML) 6 Page - International Rectifier

Back Button LSO2802R5D Datasheet HTML 2Page - International Rectifier LSO2802R5D Datasheet HTML 3Page - International Rectifier LSO2802R5D Datasheet HTML 4Page - International Rectifier LSO2802R5D Datasheet HTML 5Page - International Rectifier LSO2802R5D Datasheet HTML 6Page - International Rectifier LSO2802R5D Datasheet HTML 7Page - International Rectifier LSO2802R5D Datasheet HTML 8Page - International Rectifier LSO2802R5D Datasheet HTML 9Page - International Rectifier LSO2802R5D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
www.irf.com
LSO SERIES
28V Input, Single/Dual Output
Electrical Performance Characteristics (continued)
For Notes to Electrical Performance Characteristics, refer to page 7
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Overvoltage protection (OVP)
Output voltage threshold
(for single and each of dual
output models)
1,2,3
No load to full load, Notes 1, 4
115
125
% of
nominal
Vout
Enable Input ( Inhibit Function )
open circuit voltage
drive current ( sink )
voltage range
Note 1
3.0
-0.5
5.0
5.0
50
V
mA
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
VOUT = 90% of Nominal, Note 4
105
145
%
Power dissipation, load fault (PD )
1,2,3
Short Circuit, Overload, Note 8
16
W
Output response to
step load changes (VTLD )
4,5,6
Half Load to/from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes (TTLD )
4,5,6
Half Load to/from Full Load, Notes
4,9,10
200
µs
Output response to
step line changes (VTLN )
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery Time,
step line changes (TTLN )
18V to/from 40V
IOUT = 100% rated load, Notes
1, 4,10,11
200
µs
Turn-on Overshoot (VOS )
All Single and Dual Output Models
Turn-on Delay ( TDLY )
All Single and Dual Output Models
4,5,6
10% Load, Full Load
Notes 4,12
0
50
10
mV
ms
Capacitive Load (CL )
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2500
2500
2500
2200
1000
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
40
50
dB
Isolation
1
Input to Output or Any Pin to Case
except Pin 6, test @ 100VDC
20
M
Ω
Device Weight
125
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
Note 14
4.0 x 10
6
Hr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com