Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSO2802R5D Datasheet(PDF) 4 Page - International Rectifier

Part # LSO2802R5D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2802R5D Datasheet(HTML) 4 Page - International Rectifier

  LSO2802R5D Datasheet HTML 1Page - International Rectifier LSO2802R5D Datasheet HTML 2Page - International Rectifier LSO2802R5D Datasheet HTML 3Page - International Rectifier LSO2802R5D Datasheet HTML 4Page - International Rectifier LSO2802R5D Datasheet HTML 5Page - International Rectifier LSO2802R5D Datasheet HTML 6Page - International Rectifier LSO2802R5D Datasheet HTML 7Page - International Rectifier LSO2802R5D Datasheet HTML 8Page - International Rectifier LSO2802R5D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
www.irf.com
LSO SERIES
28V Input, Single/Dual Output
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics, refer to page 7
1. Meets MIL-STD-1547, MIL-STD-975 and NASA EEE-INST-002
up to the input voltage at 38.6V.
Input voltage range
-0.5Vdc to +60Vdc
Input voltage range
1
+18Vdc to +40Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
+300°C for 10 seconds
Operating case temperature
-55°C to +85°C
Operating case temperature
-55°C to +125°C (Note 13) Operating case temperature
-55°C to +70°C
Storage temperature
-55°C to +135°C
Recommended Operating Conditions
Absolute Maximum Ratings
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
18
28
40
V
Output Voltage ( VOUT )
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
1
1
1
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Notes 4, 13
1.47
1.77
2.47
3.27
4.95
11.88
14.85
±4.95
±11.88
±14.85
1.43
1.73
2.43
3.23
4.90
11.76
14.70
±4.90
±11.76
±14.70
1.50
1.80
2.50
3.30
5.00
12.00
15.00
±5.00
±12.00
±15.00
1.53
1.83
2.53
3.33
5.05
12.12
15.15
±5.05
±12.12
±15.15
1.57
1.87
2.57
3.37
5.10
12.24
15.30
±5.10
±12.24
±15.30
V
V
Output power ( POUT )
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
All Others
1,2,3
VIN = 18, 28, 40 Volts, Note 2
0
0
0
0
0
12
14.4
20
25
30
W
Output current ( IOUT )
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
1,2,3
VIN = 18, 28, 40 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0
0
0
0
0
8.0
8.0
8.0
7.57
6.0
2.5
2.0
4.8
2.3
1.6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com