Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC10R Datasheet(PDF) 1 Page - C&D Technologies

Part # WPC10R
Description  2:1 WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPC10R Datasheet(HTML) 1 Page - C&D Technologies

  WPC10R Datasheet HTML 1Page - C&D Technologies WPC10R Datasheet HTML 2Page - C&D Technologies WPC10R Datasheet HTML 3Page - C&D Technologies WPC10R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WPC10R 11/99 REV F
Page 1
FEATURES
G
G
G
G
G SAFETY APPROVALS (CULUS, CE)
G
G
G
G
G MEETS EN55022 LEVEL A & B FOR CONDUCTED
EMISSIONS WITH A 10 MFD EXTERNAL
CAPACITOR
G
G
G
G
G OPERATING TEMPERATURE RANGE:
-40°C TO +100°C
G
G
G
G
G INDUSTRY STANDARD PINOUTS
G
G
G
G
G INDUSTRY STANDARD PACKAGE
G
G
G
G
G LOW PROFILE 0.4 INCH (10MM)
G
G
G
G
G SHORT CIRCUIT PROTECTION
G
G
G
G
G TEMPERATURE SHUTDOWN
G
G
G
G
G REMOTE ON/OFF (OPTIONAL)
G
G
G
G
G LOW RADIATED EMISSIONS
APPLICATIONS
G
G
G
G
G TELECOMMUNICATION APPLICATIONS
G
G
G
G
G BATTERY POWERED SYSTEMS
G
G
G
G
G PORTABLE INSTRUMENTS
G
G
G
G
G PROCESS CONTROL EQUIPMENT
G
G
G
G
G TRANSPORTATION EQUIPMENT
G
G
G
G
G DISTRIBUTED POWER SYSTEMS
DESCRIPTION
The WPC10R is a family of high performance DC/DC
converters that offer regulated outputs over two input
voltage ranges of 18 - 36 and 28 - 75V and over a wide
operating temperature range of -40°C to +100°C without
derating.
The 350kHz switching frequency and forward con-
verter topology provide optimum performance in a space-
saving package. The design uses all surface mounted
components, including magnetics, to provide enhanced
reliability. All models will operate even under no-load
conditions, although a minimum load is specified for load
regulation measurement purposes. A metal package is
utilized for decreased radiated noise and an optional
remote enable feature allows low power standby opera-
tion.
2:1 WIDE INPUT RANGE
DC/DC CONVERTER
WPC10R
Product Data Sheet
AGENCY APPROVALS
SIMPLIFIED CIRCUIT DIAGRAM
OPTICAL
ISOLATION
SHUTDOWN
(OPTIONAL)
CONTROL
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - WPC10R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
WPC10 L-COM-WPC10 Datasheet
56Kb / 1P
WALL PLATE SS W/1 .75 DIA
05/28/2003
More results

Similar Description - WPC10R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S DELTA-DB02S Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com