Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC10R Datasheet(PDF) 2 Page - C&D Technologies

Part # WPC10R
Description  2:1 WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPC10R Datasheet(HTML) 2 Page - C&D Technologies

  WPC10R Datasheet HTML 1Page - C&D Technologies WPC10R Datasheet HTML 2Page - C&D Technologies WPC10R Datasheet HTML 3Page - C&D Technologies WPC10R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WPC10R 11/99 REV F
Page 2
NOMINAL
RATED
OUTPUT CURRENT
VOLTAGE REGULATION
INPUT
OUTPUT
VOLTAGE
VOLTAGE
MIN LOAD
RATED LOAD
LINE
LOAD
NOISE
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(±)
(±)
(mVpp)
(%)
WPC10R24S03
24
3.3
300
3000
0.5%
1%
75
75
WPC10R24S05
24
5
200
2000
0.5%
1%
75
77
WPC10R24S12
24
12
83
833
0.5%
1%
75
78
WPC10R24S15
24
15
67
666
0.5%
1%
75
79
WPC10R24D05
24
±5
±100
±1000
0.5%
2%
75
77
WPC10R24D12
24
±12
±42
±417
0.5%
2%
75
78
WPC10R24D15
24
±15
±33
±333
0.5%
2%
75
79
WPC10R48S03
48
3.3
300
3000
0.5%
1%
75
77
WPC10R48S05
48
5
200
2000
0.5%
1%
75
79
WPC10R48S12
48
12
83
833
0.5%
1%
75
80
WPC10R48S15
48
15
67
666
0.5%
1%
75
81
WPC10R48D05
48
±5
±100
±1000
0.5%
2%
75
79
WPC10R48D12
48
±12
±42
±417
0.5%
2%
75
80
WPC10R48D15
48
±15
±33
±333
0.5%
2%
75
81
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
18
24
36
VDC
VIN=34-75 for 3.3Vout
28
48
75
VDC
Reflected Ripple Current
20
50
mAp-p
ISOLATION
Test Voltage
60 Hz, 10 Seconds
1500
Vpk
Resistance
10
G
Ω
Capacitance
1500
pF
Leakage Current
V
ISO= 240VAC, 60Hz
100
mArms
OUTPUT
Rated Power
10
Watts
Voltage Setpoint Accuracy
±1
%
Temperature Coefficient
±0.02
%/°C
Line Regulation
Low Line to High Line
Singles
±0.2
%
Duals
±0.2
%
Load Regulation
Min Load to Rated Load
Singles
±0.2
%
Duals
±0.5
%
Ripple & Noise
BW = 5 Hz to 20 MHz
75
mVp-p
GENERAL
Switching Frequency
350
kHz
MTTF per MIL-HDBK-217, Rev F
Circuit Stress Method,
Ground Benign
T
A = +25°C
933
khr
Package Weight
35
g
TEMPERATURE
Specification (ambient)
-25
+71
°C
Specification (case)
-25
+100
°C
Operation (case)
-40
+100
°C
Storage
-55
+125
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com