Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC10R Datasheet(PDF) 3 Page - C&D Technologies

Part # WPC10R
Description  2:1 WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPC10R Datasheet(HTML) 3 Page - C&D Technologies

  WPC10R Datasheet HTML 1Page - C&D Technologies WPC10R Datasheet HTML 2Page - C&D Technologies WPC10R Datasheet HTML 3Page - C&D Technologies WPC10R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WPC10R 11/99 REV F
Page 3
Device Family
Indicates Wide Input Voltage 10 Watt Regulated Unit
Model Number
Selected from Table of Electrical Characteristics
xx = Input Voltage
y = Number of Outputs (Single "S", Dual "D")
zz = Output Voltage
Case Ground Option
"P" = Positive Input Connection
"N" = Negative Input Connection
"F" = Floating Input Connection
Remote ON/OFF (optional)
WPC10R
xxyzz
N/P/F
R
ABSOLUTE MAXIMUM RATINGS
Output Short Circuit Protection
(at T
A = 25°C, nominal input voltage) ........................Continuous
Internal Power Dissipation....... ........................................... 2.5W
Lead Temperature (soldering 10seconds, max) ..............+300°C
Maximum Case Temperature ...........................................+110°C
ORDERING INFORMATION
THERMAL DERATING CURVE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTES: All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
Pin Placement Tolerance: ±0.015
* Common pins are not present on single output
models
Marked with: specific model ordered, date code, job
code.
MATERIAL: Units are encapsulated in a low thermal resistance molding
compound which has excellent chemical resistance, wide operating
temperature range, and good electrical properties under high humidity
environments. The encapsulant and outer shell of the unit have UL94V-0
ratings. Lead material is brass with a solder plated surface to allow ease of
solderability.
1
2
3
4
5*
6
Pin Connections
1 +Vin
2 -Vin
3 Remote On/Off
4 +Vout
5 Common
6 -Vout
MECHANICAL
REMOTE ON/OFF CONTROL
Logic Compatibility ...................................... CMOS or Open Collector TTL
EC On ................................................................. Open Circuit or > 2VDC
EC Off ........................................................................................ < 1.3VDC
Shutdown Idle Current ..................................................................... <10mA
Control Common ................................................................................. -Vin
Hiweise:
-
Geraet wird mit einer 2A Sicherung abgesichert
-
Eingangspannung muss SELV oder TNV nach
EN60950, IEC60950 entsprechen
-
Ein-und Ausgang des Converters muessen mit dem
Schutzleiter verbunden werden
-
Power supply must be fused with a 2A fuse or current
limited to 2A max
-
Input must be SELV or TNV according to EN60950/
IEC950
-
One input and output pin must be tied to safety earth
ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com