Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C16API-20 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28C16API-20
Description  16K-Bit CMOS PARALLEL E2PROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C16API-20 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28C16API-20 Datasheet HTML 1Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 2Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT28C16A
5
Doc. No. 25033-00 2/98
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
A write pulse of less than 20ns duration will not initiate a write cycle.
A.C. CHARACTERISTICS, Write Cycle
VCC = 5V
±10%, unless otherwise specified.
28C16A-20
Symbol
Parameter
Min.
Max.
Units
tWC
Write Cycle Time
10
ms
tAS
Address Setup Time
10
ns
tAH
Address Hold Time
100
ns
tCS
CE Setup Time
0
ns
tCH
CE Hold Time
0
ns
tCW(2)
CE Pulse Time
150
ns
tOES
OE Setup Time
15
ns
tOEH
OE Hold Time
15
ns
tWP(2)
WE Pulse Width
150
ns
tDS
Data Setup Time
50
ns
tDH
Data Hold Time
10
ns
tDL
Data Latch Time
50
ns
tINIT(1)
Write Inhibit Period After Power-up
5
20
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com