Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C16API-20 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28C16API-20
Description  16K-Bit CMOS PARALLEL E2PROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C16API-20 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28C16API-20 Datasheet HTML 1Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 2Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
CAT28C16A
16K-Bit CMOS PARALLEL E2PROM
FEATURES
s Fast Read Access Times: 200 ns
s Low Power CMOS Dissipation:
–Active: 25 mA Max.
–Standby: 100
µA Max.
s Simple Write Operation:
–On-Chip Address and Data Latches
–Self-Timed Write Cycle with Auto-Clear
s Fast Write Cycle Time: 10ms Max
s End of Write Detection:
DATA
DATA
DATA
DATA
DATA Polling
s Hardware Write Protection
s CMOS and TTL Compatible I/O
s 10,000 Program/Erase Cycles
s 10 Year Data Retention
s Commercial, Industrial and Automotive
Temperature Ranges
5089 FHD F02
DESCRIPTION
The CAT28C16A is a fast, low power, 5V-only CMOS
Parallel E2PROM organized as 2K x 8-bits. It requires a
simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with
auto-clear and VCC power up/down write protection
eliminate additional timing and protection hardware.
DATA Polling signals the start and end of the self-timed
write cycle. Additionally, the CAT28C16A features hard-
ware write protection.
The CAT28C16A is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed to
endure 10,000 program/erase cycles and has a data
retention of 10 years. The device is available in JEDEC
approved 24-pin DIP and SOIC or 32-pin PLCC pack-
ages.
BLOCK DIAGRAM
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A4–A10
CE
OE
WE
A0–A3
I/O0–I/O7
I/O BUFFERS
2,048 x 8
E2PROM
ARRAY
VCC
DATA POLLING
Doc. No. 25033-00 2/98


Similar Part No. - CAT28C16API-20

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AG-12T ONSEMI-CAT28C16AG-12T Datasheet
137Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16API-20

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
512K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com