Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C16API-20 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT28C16API-20
Description  16K-Bit CMOS PARALLEL E2PROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C16API-20 Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT28C16API-20 Datasheet HTML 1Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 2Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C16API-20 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CAT28C16A
7
Doc. No. 25033-00 2/98
ADDRESS
CE
WE
OE
I/O7
DIN = X
DOUT = X
DOUT = X
tOE
tOEH
tWC
tOES
DATA Polling
DATA polling is provided to indicate the completion of a
byte write cycle. Once a byte write cycle is initiated,
attempting to read the last byte written will output the
complement of that data on I/O7 (I/O0–I/O6 are indeter-
minate) until the programming cycle is complete. Upon
completion of the self-timed byte write cycle, all I/O’s will
output true data during a read cycle.
Byte Write
A write cycle is executed when both CE and WE are low,
and OE is high. Write cycles can be initiated using either
WE or CE, with the address input being latched on the
falling edge of WE or CE, whichever occurs last. Data,
conversely, is latched on the rising edge of WE or CE,
whichever occurs first. Once initiated, a byte write cycle
automatically erases the addressed byte and the new
data is written within 10 ms.
Figure 5. Byte Write Cycle [CE Controlled]
5089 FHD F07
ADDRESS
CE
OE
WE
DATA OUT
tAS
DATA IN
DATA VALID
HIGH-Z
tAH
tWC
tOEH
tDH
tDS
tOES
tDL
tCH
tCS
tCW
Figure 6. DATA Polling
28C16A F08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com