Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # C11
Description  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

C11 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  C11 Datasheet HTML 1Page - Switchcraft, Inc. C11 Datasheet HTML 2Page - Switchcraft, Inc. C11 Datasheet HTML 3Page - Switchcraft, Inc. C11 Datasheet HTML 4Page - Switchcraft, Inc. C11 Datasheet HTML 5Page - Switchcraft, Inc. C11 Datasheet HTML 6Page - Switchcraft, Inc. C11 Datasheet HTML 7Page - Switchcraft, Inc. C11 Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
click here to download a schematic drawing
click here to download a schematic drawing
(you will need to have Adobe Acrobat installed on your system to do this)
Littel-Jax® COMMERCIAL PHONE JACKS
2- and 3-CONDUCTOR
Littel-Jax phone jacks mate with standard commercial phone plugs and are available
with .25 inch and .21 inch inside diameter bushings.
MIL Littel-Jax® PHONE JACKS
2- and 3-CONDUCTOR MIL-SPEC, MIL-J-641 (E)
MIL jacks mate with MIL-type phone plugs with .25 inch (6.35mm) or .21 inch (5.34mm)
diameter bushings. Numbers C11 and C12B have a non-turn locating pin which keys the
jack to the mounting surface. For low contact resistance applications, jack number C12A
has fine silver contacts on shunts and tip springs.
MOUNTING
Chassis/Panel: See Mounting Data drawing below; small
hole is required only for jacks numbers C11 and C12B
with non-turn locating pin.
Maximum Panel Thickness: .156 inch (4mm) for standard
.276 inch (7mm) long bushing; .25 inch (6.35mm) for .375
inch (9.5mm) long bushing.
NOTE: For panels thicker than .25 inch see Thick Panel
Phone Jax.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com