Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # C11
Description  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

C11 Datasheet(HTML) 3 Page - Switchcraft, Inc.

  C11 Datasheet HTML 1Page - Switchcraft, Inc. C11 Datasheet HTML 2Page - Switchcraft, Inc. C11 Datasheet HTML 3Page - Switchcraft, Inc. C11 Datasheet HTML 4Page - Switchcraft, Inc. C11 Datasheet HTML 5Page - Switchcraft, Inc. C11 Datasheet HTML 6Page - Switchcraft, Inc. C11 Datasheet HTML 7Page - Switchcraft, Inc. C11 Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Insulated Mount: See drawing. S1028 flatwasher and
Part Number S1029 shoulder washer must be
ordered separately for mounting in .437 inch diameter hole.
NOTE: See Hi-D Jax® for jack specifically designed
for insulated mounting without additional washers.
PC Board Mounting: See Recommended PC Board Layout
drawing below for jacks with PC terminals. Recommended
PC board thickness is .062 inches.
Mounting Centers: 1.188 inch (30mm) recommended.
Centers may vary with jack selected, for example, Number
11 mounts on .813 inch (20.6mm) and 14B mounts on
1.125 inch (28.6mm) minimum centers.
PREFIX OPTIONS
SERIES
CIRCUITRY
Blank- 1/4" Commercial
Jack 1-Littel Jax®
1- I
C- Accepts Mill Plug
2A- III
FA- .205" Faston Terminals
2B- IV
FAL- .205" Faston Terminals
and .375" Long Bushing
3- V
L- .375" Long Bushing
3A- VI
PC- PC Terminals
3B- VII
S- Accepts .206 Diameter Plugs
3E- IX
4B- XII
TWO CONDUCTOR PART NUMBERS
Part Number
Description
Jack Schematic1
Typical Mating
Plug



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com