Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # C11
Description  COMMERCIAL PHONE JACKS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

C11 Datasheet(HTML) 4 Page - Switchcraft, Inc.

  C11 Datasheet HTML 1Page - Switchcraft, Inc. C11 Datasheet HTML 2Page - Switchcraft, Inc. C11 Datasheet HTML 3Page - Switchcraft, Inc. C11 Datasheet HTML 4Page - Switchcraft, Inc. C11 Datasheet HTML 5Page - Switchcraft, Inc. C11 Datasheet HTML 6Page - Switchcraft, Inc. C11 Datasheet HTML 7Page - Switchcraft, Inc. C11 Datasheet HTML 8Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
11
Open circuit
I
250
C11
MIL Number M641/6-1
I
440
FA11
.205 inch FASTON terminal
I
250
FAL11
.375 inch long bushing
.205 FASTON terminal
I
250
L11
.375 inch long bushing
I
250
12A
Tip shunt
III
250
C12A
MILNumber M641/12-1
III
440
L12A
.375 inch long bushing
III
250
PC12A
PC board mount
III
250
13
Isolated "make" circuit
V
250
13A
Transfer circuit
VI
250
13E
Isolated "break" circuit
IX
250
THREE CONDUCTOR PART NUMBERS
12B
Double open circuit
IV
267
L12B
.375 inch long bushing
IV
267
C12B
MIL number M641/5-1,
.210 inch inside diameter
IV
480
13B
Tip shunt
VII
267
14B
Double closed circuit
XII
267
PART NUMBERS (.210 inch inside diameter bushing)
S11
2 conductor
I
S250
S12A
2 conductor
III
S250
S12B
3 conductor
IV
S267
S13B
3 conductor
VII
S267
1 Refer to jack schematics on pages 65 and 66. Other circuits are available; contact
factory.
SPECIFICATIONS
MECHANICAL
Life: Commercial Jacks - 10,000 insertion/withdrawal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com