Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT522 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT522
Description  8-Bit Dual Digital POT With Independent Reference Inputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT522 Datasheet HTML 1Page - Catalyst Semiconductor CAT522 Datasheet HTML 2Page - Catalyst Semiconductor CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT522
5
8/00
Advanced Information
PIN DESCRIPTION
Pin
Name
Function
1VDD
Power supply positive
2
CLK
Clock input pin
3
RDY/
BSY
Ready/Busy output
4
CS
Chip select
5
DI
Serial data input pin
6
DO
Serial data output pin
7
PROG
EEPROM Programming Enable
Input
8
GND
Power supply ground
9VREFL1
Minimum DAC 1 output voltage
10
VREFL2
Minimum DAC 2 output voltage
11
VOUT2
DAC 2 output
12
VOUT1
DAC 1 output
13
VREFH2
Maximum DAC 2 output voltage
14
VREFH1
Maximum DAC 1 output voltage
DEVICE OPERATION
The CAT522 is a dual 8-bit Digital to Analog Converter
(DAC) whose outputs can be programmed to any one of
256 individual voltage steps. Once programmed, these
output settings are retained in non-volatile EEPROM
memory and will not be lost when power is removed from
the chip. Upon power up the DACs return to the settings
stored in EEPROM memory. Each DAC can be written
to and read from independently without effecting the
output voltage during the read or write cycle. Each
output can also be adjusted without altering the stored
output setting, which is useful for testing new output
settings before storing them in memory.
DIGITAL INTERFACE
The CAT522 employs a standard 3 wire serial control
interface consisting of Clock (CLK), Chip Select (CS)
and Data In (DI) inputs. For all operations, address and
data are shifted in LSB first. In addition, all digital data
must be preceded by a logic “1” as a start bit. The DAC
address and data are clocked into the DI pin on the
clock’s rising edge. When sending multiple blocks of
information a minimum of two clock cycles is required
between the last block sent and the next start bit.
Multiple devices may share a common input data line by
selectively activating the CS control of the desired IC.
Data Outputs (DO) can also share a common line
because the DO pin is Tri-Stated and returns to a high
impedance when not in use.
CHIP SELECT
Chip Select (CS) enables and disables the CAT522’s
read and write operations. When CS is high data may be
read to or from the chip, and the Data Output (DO) pin is
active. Data loaded into the DAC control registers will
remain in effect until CS goes low. Bringing CS to a logic
low returns all DAC outputs to the settings stored in
EEPROM memory and switches DO to its high imped-
ance Tri-State mode.
Because CS functions like a reset the CS pin has been
desensitized with a 30 ns to 90 ns filter circuit to prevent
noise spikes from causing unwanted resets and the loss
of volatile data.
CLOCK
The CAT522’s clock controls both data flow in and out of
the IC and EEPROM memory cell programming. Serial
data is shifted into the DI pin and out of the DO pin on the
clock’s rising edge. While it is not necessary for the clock
to be running between data transfers, the clock must be
operating in order to write to EEPROM memory, even
though the data being saved may already be resident in
the DAC control register.
No clock is necessary upon system power-up. The
CAT522’s internal power-on reset circuitry loads data
from EEPROM to the DACs without using the external
clock.
DAC addressing is as follows:
DAC OUTPUT
A0
A1
VOUT10
1
VOUT21
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com