Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT522 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT522
Description  8-Bit Dual Digital POT With Independent Reference Inputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT522 Datasheet HTML 2Page - Catalyst Semiconductor CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor CAT522 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT522
9
8/00
Advanced Information
APPLICATION CIRCUITS (Cont.)
Current Sink with 4 Decades of Resolution
GND
V
L
REF
VDD
VREF
+5V
DAC
+
–
OPT 505
CONTROL
& DATA
DAC
+
–
10K
10K
39
Ω1W
LM385-2.5
5 µA steps
I
= 2 - 255 mA
SINK
2N7000
10K
10K
TIP 30
39
Ω 1W
5 meg
5 meg
3.9K
+
–
-15V
2N7000
+5V
+15V
4.7 µA
1 mA steps
2.2K
Current Source with 4 Decades of Resolution
GND
V
L
REF
VDD
V
H
REF
+5V
DAC
+
–
OPT 505
CONTROL
& DATA
DAC
+
–
5 meg
5 meg
39
Ω 1W
39
Ω 1W
5 meg
5 meg
3.9K
LM385-2.5
-15V
5 µA steps
I
= 2 - 255 mA
SOURCE
1 mA steps
+
–
10K
10K
+15V
TIP 29
BS170P
BS170P
51K
CAT522
CAT522



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com