Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT522 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT522
Description  8-Bit Dual Digital POT With Independent Reference Inputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT522 Datasheet HTML 1Page - Catalyst Semiconductor CAT522 Datasheet HTML 2Page - Catalyst Semiconductor CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
GND
DAC 2
EEPROM
LATCH
EEPROM
LATCH
11
DAC 1
12
PROG
RDY/
BSY
PROGRAM
CONTROL
H.V.
CHARGE
PUMP
SERIAL DATA OUTPUT
V
2
OUT
10
V
L2
REF
V
H2
REF
V
1
OUT
V
L1
REF
V
H1
REF
DO
VDD
DATA
CONTROLLER
13
14
3
CLK
CS
2
4
5
7
9
8
1
6
DI
+
–
+
–
DO
PROG
RDY/BSY
CLK
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
VREF H2
VREF H1
GND
VOUT1
V
OUT
2
CS
DI
VREF L2
VREF L1
DO
PROG
RDY/BSY
CLK
1
2
3
4
5
6
7
14
13
12
11
8
10
9
VDD
VREF H2
VREF H1
GND
VOUT1
V
OUT
2
CS
DI
VREF L2
VREF L1
CAT522
8-Bit Dual Digital POT With Independent Reference Inputs
FEATURES
s Buffered Outputs
s Output settings retained without power
s Independent Reference Inputs
s Output range includes both supply rails
s Programming voltage generated on-chip
s 2 independently addressable outputs
s Serial
µP interface
s Single supply operation: 2.7V-5.5V
APPLICATIONS
s Automated product calibration.
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in Self-
Calibrating and Adaptive Control systems.
s Tamper-proof calibrations.
DESCRIPTION
The CAT522 is a dual 8-Bit Memory DAC designed as an
electronic replacement for mechanical potentiometers
and trim pots. Intended for final calibration of products
such as camcorders, fax machines and cellular tele-
phones on automated high volume production lines and
systems capable of self calibration, it is also well suited
for applications were equipment requiring periodic ad-
justment is either difficult to access or located in a
hazardous environment.
The CAT522 offers 2 independently programmable DACs
each having its own reference inputs and each capable
of rail to rail output swing. Outputs are buffered by rail
to rail OP AMPS Output settings, stored in non-volatile
EEPROM memory, are not lost when the device is
powered down and are automatically reinstated when
power is returned. Each output can be dithered to test
new output values without effecting the stored settings
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
and stored settings can be read back without disturbing
the DAC’s output.
Control of the CAT522 is accomplished with a simple 3
wire serial interface. A Chip Select pin allows several
CAT522's to share a common serial interface and com-
munications back to the host controller is via a single
serial data line thanks to the CAT522’s Tri-Stated Data
Output pin. A RDY/
BSY output working in concert with
an internal low voltage detector signals proper operation
of EEPROM Erase/Write cycle.
The CAT522 operates from a single 3–5 volt power
supply. The high voltage required for EEPROM Erase/
Write operations is generated on-chip.
The CAT522 is available in the 0
°C to 70°C Commercial
and –40
°C to +85°C Industrial operating temperature
ranges and offered in 14-pin plastic DIP and Surface
mount packages.
DIP Package (P)
SOIC Package (J)
CAT522
© 2000 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advanced Information
CAT522
CAT522


Similar Part No. - CAT522

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT522 CATALYST-CAT522 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT522 CATALYST-CAT522 Datasheet
85Kb / 11P
Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522 Datasheet
237Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
logo
ON Semiconductor
CAT522 ONSEMI-CAT522 Datasheet
236Kb / 15P
Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2004 Rev. I
More results

Similar Description - CAT522

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT511 CATALYST-CAT511 Datasheet
56Kb / 9P
8-Bit Digital POT with Independent Reference Inputs
CAT512 CATALYST-CAT512 Datasheet
71Kb / 10P
8-Bit Dual Digital POT with Independent Reference Inputs
CAT513 CATALYST-CAT513 Datasheet
71Kb / 10P
8-Bit Dual Digital POT
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
8-Bit Quad Digital POT
CAT515 CATALYST-CAT515 Datasheet
85Kb / 12P
8-Bit Quad Digital POT with Independent Reference Inputs
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
8-Bit Digital POT With Independent Reference Inputs
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com