Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN30WI Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THN30WI
Description  DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN30WI Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THN30WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 3Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
DC/DC Converters
THN 30WI Series
30 Watt
Input Specifications
Input current at no load (at nominal input voltage)
24 V models: 10 mA typ.
48 V models: 8 mA typ.
Start-up voltage
24 V models: < 9.0 VDC
48 V models: < 18 VDC
Under voltage shut down (lock-out circuit)
24 V models: 8.0 VDC typ.
48 V models: 16 VDC typ.
Surge voltage (1 sec. max.)
24 V models: 50 V max.
48 V models: 100 V max.
Reflected input ripple current
30 mAp-p typ.
Conducted noise (input)
EN 55022 level A, FCC part 15, level A with
external capacitor see: application note
ESD (electrostatic discharge)
EN 61000-4-2, air ±8 kV, contact ±6 kV,
perf. criteria A
Radiated immunity
EN 61000-4-3, 10 V/m, perf. criteria A
Fast transient / Surge
EN 61000-4-4, ±2 kV, perf. criteria A
EN 61000-4-5, ±2 kV perf. criteria A
With external input capacitor e.g. Nippon
chemi-con KY 220 µF, 100 V, ESR 48 mOhm
Conducted immunity
EN 61000-4-6, 10 Vrms, perf. criteria A
Recommended input fuse (slow blow)
24 V models: 6300 mA
48 V models: 3150 mA
Output Specifications
Voltage set accuracy
±1 %
Output voltage adjustment range (see application note)
15 & 24 VDC models: +20 / –10 %
other single output models: ±10 %
Regulation
– Input variation (Vmin – Vmax)
single output models: 0.2 % max.
dual output models: 0.5 % max.
– Load variation (0 – 100 %)
single output models: 0.2 % max.
dual output models balanced load: 1.0 % max.
dual output models unbalanced load (25% /100%): 5.0 % max.
Minimum load
not required
Ripple and noise (measured with output capacitor)
3.3 & 5.0 VDC models: 75 mVp-p with (22µF/25V X7R 1812 MLCC)
(20 MHz bandwidth)
12 & 15 VDC models: 75 mVp-p with (2x 22µF/25V X7R 1812 MLCC)
24 VDC models: 75 mVp-p with (2x 6.8µF/50V X7R 1812 MLCC)
dual output models: 60 mVp-p with (10µF/50V X7R 1812 MLCC)
Temperature coefficient
±0.02 %/K
Output current limitation
at 170 % of Iout max.
Short circuit protection
hiccup, automatic recovery
Over voltage protection
3.3 VDC models: 3.7 – 5.4 Vout
5 VDC models: 5.6 – 7.0 Vout
12 VDC models: 13.5 – 19.6 Vout
15 VDC models: 18.3 – 22.0 Vout
24 VDC models: 29.1 – 32.5 Vout
Start up time (nominal Vin and constant resistive load)
30 ms max. (for power on and remote on)
Transient response setting time
250 µs typ. (25% load step change)
Max. capacitive load
3.3 VDC models: 10’000 µF
5 VDC models: 7’200 µF
12 VDC models: 1’200 µF
15 VDC models: 1’000 µF
24 VDC models: 375 µF
±12 VDC models: 750 µF (each output)
±15 VDC models: 500 µF (each output)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com