Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN30WI Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THN30WI
Description  DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN30WI Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THN30WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 3Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
THN 30WI Series
30 Watt
General Specifications
Temperature ranges
– Operating without heat sink
–40°C to +80°C (with derating)
– Operating with heat sink
–40°C to +85°C (with derating)
– Case temperature
+105°C max.
– Storage
–55°C to +125°C
Power derating
– Operating without heat sink
2.2 %/K above 55°C
– Operating with heat sink
2.5 %/K above 60°C
Thermal impedance
– Natural convection
15.0°C/W
– Natural convection with heat sink
13.8°C/W
Thermal protection
shutdown at 115°C
Humidity (non condensing)
5 % to 95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
337’000 h
Isolation voltage (60sec.)
– Input/Output
1’500 VDC
– Input, Output/Case
1’000 VDC
Isolation capacitance
– Input/Output
1’500 pF max.
Isolation resistance
– Input/Output (500 VDC)
>1 GOhm
Remote On/Off
– On:
3.0 to 15 VDC or open circuit
– Off:
0 to 1.2 VDC or short circuit pin 6 and pin 2
– Off idle current:
2.0 mA
Switching frequency (fixed, pulse width modulation)
3.3 & 5.0 Vout models: 275 kHz ±10%
other models: 330 kHz ±10%
Vibration and thermal shock
MIL-STD-810E
Safety standards
UL/cUL 60950-1, IEC/EN 60950-1
Safety approvals
– Online certification for UL/cUL 60950-1
www.ul.com -> certifications -> File e188913
copy: QQGQ2 (USA) QQGQ8 (Canada)
– CB test report for IEC/EN 60950-1
pending
Physical Specifications
Casing material
copper
Baseplate
non conductive FR4
Potting material
silicon (UL 94V-0 rated)
Weight
16.5 g (0.58 oz)
Soldering temperature
max. 265°C / 10sec.
Environmental compliance
– Reach
www.tracopower.com/products/thn30wi-reach.pdf
– RoHS
RoHS directive 2011/65/EU
Application note: www.tracopower.com/products/thn30wi-application.pdf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com