Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN30WI Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THN30WI
Description  DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN30WI Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THN30WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 3Page - Touchstone Semiconductor Inc THN30WI Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
THN 30WI Series, 30 Watt
Features
◆
Highest power density 30W converter!
Ultra compact size: 1.0” x 1.0” x 0.4”
◆
Shielded metal case with isolated
baseplate
◆
Ultrawide 4:1 input voltage range
◆
Very high efficiency across full load range
up to 92%
◆
No minimum load required
◆
Remote On/Off control
◆
Operating temp. range –40°C to +80°C
and up to 85 °C with heat-sink
◆
Over temperature protection
◆
Output voltage adjustable
◆
I/O isolation voltage 1500 VDC
◆
RoHS 2011/65/EU compliant
◆
3-year product warranty
The THN-30WI series is the latest generation of high performance DC/DC converter
modules with highest power density. The product achieves 30W output power while
it comes in a metal case with dimensions of only 1.0”x 1.0”x 0.4”.
All models have an ultra wide 4:1 input voltage range and precisely regulated
output voltages, even under no load conditions. Highest efficiency across full load
range makes this product very reliable and applicable in temperature ranges of up
to 85°C. With a low input current at minimal load and remote On/Off control these
converters are the ideal solution for battery-operated systems. Typical applications
are in mobile equipments, instrumentation, distributed power architectures in com-
munication and industrial electronics and everywhere where space on the PCB is
critical.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THN 30-2410WI
3.3 VDC
7000 mA
86 %
THN 30-2411WI
5.0 VDC
6000 mA
89 %
THN 30-2412WI
12 VDC
2500 mA
89 %
THN 30-2413WI
9 – 36 VDC
15 VDC
2000 mA
89 %
THN 30-2415WI
(24 VDC nominal)
24 VDC
1250 mA
89 %
THN 30-2422WI
±12 VDC
±1250 mA
89 %
THN 30-2423WI
±15 VDC
±1000 mA
91 %
THN 30-4810WI
3.3 VDC
7000 mA
87 %
THN 30-4811WI
5.0 VDC
6000 mA
90 %
THN 30-4812WI
18 – 75 VDC
12 VDC
2500 mA
90 %
THN 30-4813WI
(48 VDC nominal)
15 VDC
2000 mA
91 %
THN 30-4815WI
24 VDC
1250 mA
91 %
THN 30-4822WI
±12 VDC
±1250 mA
91 %
THN 30-4823WI
±15 VDC
±1000 mA
92 %
Models
CB
Scheme
UL 60950-1UL 60950-1


Similar Part No. - THN30WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN30WI TRACOPOWER-THN30WI Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
941Kb / 6P
DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
126Kb / 1P
Heat Sink
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
1Mb / 1P
Heat Sink
Rev. November 30, 2022
More results

Similar Description - THN30WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com