Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP3 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THP3
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THP3 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THP3 Datasheet HTML 1Page - Touchstone Semiconductor Inc THP3 Datasheet HTML 2Page - Touchstone Semiconductor Inc THP3 Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
DC/DC Converters
THP 3 Series
3 Watt
Input Specifications
Input current at no load / full load
24 Vin models: 20 mA typ. / 160 mA typ.
48 Vin models: 10 mA typ. / 100 mA typ.
72 Vin models: 5 mA typ. / 85 mA typ.
Start-up voltage / under voltage shut down
24 Vin models: 9 VDC / 8.5 VDC
48 Vin models: 17 VDC / 16 VDC
72 Vin models: 34 VDC / 32 VDC
Recommended external input fuse (slow blow)
24 Vin models: 1.0 A
48 Vin models: 0.6 A
72 Vin models: 0.3 A
Surge voltage (1 sec. max.)
24 Vin models: 50 V max.
48 Vin models: 100 V max.
72 Vin models: 180 V max.
Reverse voltage protection
0.3 A max.
Input filter
EN 55022 class A, FCC part 15, class A
Output Specifications
Voltage set accuracy
±1 %
Voltage balance (dual output models)
2 % max.
Regulation
– Input variation Vin min. to Vin max.
0.5 % max.
– Load variation 25 – 100 %:
1.0 % max.
Minimum load
15 % of rated max. output current.
(Operation at lower load is safe but major
deviations to specifyed data may occur)
Ripple and noise (20 MHz Bandwidth)
5 VDC models: 75 mVpk-pk typ.
other models: 100 mVpk-pk typ.
Temperature coefficient
±0.02 %/K typ.
Current limitation
>120 % Iout max.
Startup rise time 0 % to 100 % Vout
25 mS max.
Short circuit protection
indefinite (automatic recovery)
Capacitive load
5 VDC models: 1000 µF max.
12 VDC models:
470 µF max.
Dual output models:
220 µF max. (each output)
Isolation / Safety
I/O isolation test voltage (flash tested 1 sec.)
6000 Vpk
I/O isolation voltage (50Hz, 60sec.)
3000 VACrms, rated for 300 Vrms working
voltage, 2 x MOOP
Leakage current (at 240VAC, 60Hz)
2 µA
I/O isolation capacitance (at 100KHz, 1V)
7 pF typ.
I/O isolation resistance (at 500VDC)
>1000 Mohm
Safety standards
IEC/EN 60950-1, UL 60950-1
CSA C22.2 No. 60950-1-03
IEC/EN 60601-1 3rd edition, 2 x MOOP,
UL 60601-1, CSA C22.2 No. 601.1
Safety approvals
– CB test report according IEC 60950-1
www.tracopower.com/products/thp3-cb60950.pdf
– CB test report according IEC 60601-1
www.tracopower.com/products/thp3-cb60601.pdf
– CSA certificate according UL 60950-1/60601-1
www.tracopower.com/products/thp3-csa.pdf
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com