Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP3 Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THP3
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THP3 Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THP3 Datasheet HTML 1Page - Touchstone Semiconductor Inc THP3 Datasheet HTML 2Page - Touchstone Semiconductor Inc THP3 Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Jenatschstrasse 1 · CH-8002 Zurich · Switzerland
Tel. +41 43 311 45 11 · Fax +41 43 311 45 45 · info@traco.ch · www.tracopower.com
DC/DC Converters
THP 3 Series
3 Watt
Outline Dimensions
Rev. 10/12
Pin
Single
Dual
1
+Vin (Vcc)
+Vin (Vcc)
11
No pin
Common
12
–Vout
No pin
13
+Vout
–Vout
15
No pin
+Vout
23
–Vin (GND)
–Vin (GND)
24
–Vin (GND)
–Vin (GND)
Pin-Out
Dimensions in [mm], () = Inch
Pin diameter ø 0.6 ±0.05 (0.024 ±0.002)
Tolerances ±0.5 (±0.02)
Pin pich tolerances ±0.2 (±0.01)
Specifications can be changed any time without notice.
General Specifications
Temperature ranges
– Operating
–40°C to +85°C
– Casing
+95°C max.
– Storage
–40°C to +125°C
Derating
3.3 %/K above +70°C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C ground benign)
>1 Mio. h
Switching frequency
150 kHz typ. (puls width modulation)
Casing material
non conductive plastic (UL 94V-0-rated)
Potting material
Silicon TSE 3331 (UL 94V-0-rated)
Weight
16.2 g (0.57 oz)
Soldering temperature
max. 265°C / 10 sec.
Altitude during operation
up to 5‘000 m (16‘400 ft) approved
Environmental compliance
– Reach
www.tracopower.com/products/thp3-reach.pdf
– RoHS
RoHS directive 2011/65/EU
Page 3 of 3
31.8
2x2.54
20.32
2.54
2.0
(1.25)
(0.8)
(0.1)
(2x0.1)
(0.08)
Bottom view
111 12
13
15
23
24
Application note: www.tracopower.com/products/thp3-application.pdf
- The component is not be used in an oxygen rich environment.
- The component is not to be used in conjunction with flammable anaesthetics and agents.
- The component has to be disposed appropriately. Please refer to local regulations (Waste Electrical and Electronic Equipment).
- A modification of the component is not allowed.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com