Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP3 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THP3
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THP3 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THP3 Datasheet HTML 1Page - Touchstone Semiconductor Inc THP3 Datasheet HTML 2Page - Touchstone Semiconductor Inc THP3 Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
DC/DC Converters
THP 3 Series, 3 Watt
Features
◆
Supplementary and reinforced insulation
◆
I/O isolation 3000 VACrms rated for
300 Vrms working voltage
◆
Medical safety to UL 60601-1 and
IEC/EN 60601-1 3rd Edition, 2 x MOOP
◆
Industrial safety to IEC/EN/UL 60950-1
◆
9-40 VDC, 18-80 VDC and 36-160 VDC
◆
Extended operating temperature range
–40°C to 85°C max.
◆
Input filter meets EN55022A without
ext. components
◆
Continuous short circuit protection
◆
High reliability, MTBF >1 Mio. hours
◆
Lead free design, RoHS compliant
◆
3-year product warranty
The THP-3 series is a new range of high performance 3W DC/DC converters in
a low profile DIL-24 package with standard industry pin-out. The very high I/O-
isolation system of these converters and input voltages up to 160 VDC make this
product the best choice for many demanding applications in railroad and transpor-
tation systems, medical equipment, instrumentation, everywhere where high basic-,
supplementary- or reinforced insulation is requested to meet specific safety stan-
dards. A high efficiency allows safe operation in a temperature range of –40°C to
+75°C at full load. Full SMD-design with exclusive use of ceramic capacitors ensure
a very high reliability and a long product lifetime.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THP 3-2411
5 VDC
600 mA
78 %
THP 3-2412
9 – 40 VDC
12 VDC
250 mA
83 %
THP 3-2422
(24 VDC nominal)
±12 VDC
±125 mA
83 %
THP 3-2423
±15 VDC
±100 mA
83 %
THP 3-4811
5 VDC
600 mA
78 %
THP 3-4812
18 – 80 VDC
12 VDC
250 mA
83 %
THP 3-4822
(48 VDC nominal)
±12 VDC
±125 mA
83 %
THP 3-4823
±15 VDC
±100 mA
83 %
THP 3-7211
5 VDC
600 mA
78 %
THP 3-7212
36 – 160 VDC
12 VDC
250 mA
83 %
THP 3-7222
(72 VDC nominal)
±12 VDC
±125 mA
83 %
THP 3-7223
±15 VDC
±100 mA
83 %
Models
UL 60950-1
UL 60601-1
Page 1 of 3
C B
Scheme


Similar Part No. - THP3

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THP3 TRACOPOWER-THP3 Datasheet
903Kb / 5P
DC/DC Converter THP 3 Series, 3 Watt
Rev. November 30, 2022
THP3-2411 TRACOPOWER-THP3-2411 Datasheet
903Kb / 5P
DC/DC Converter THP 3 Series, 3 Watt
Rev. November 30, 2022
THP3-2412 TRACOPOWER-THP3-2412 Datasheet
903Kb / 5P
DC/DC Converter THP 3 Series, 3 Watt
Rev. November 30, 2022
THP3-2422 TRACOPOWER-THP3-2422 Datasheet
903Kb / 5P
DC/DC Converter THP 3 Series, 3 Watt
Rev. November 30, 2022
THP3-2423 TRACOPOWER-THP3-2423 Datasheet
903Kb / 5P
DC/DC Converter THP 3 Series, 3 Watt
Rev. November 30, 2022
More results

Similar Description - THP3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com