Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THV Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THV
Description  High Voltage Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THV Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THV Datasheet HTML 1Page - Touchstone Semiconductor Inc THV Datasheet HTML 2Page - Touchstone Semiconductor Inc THV Datasheet HTML 3Page - Touchstone Semiconductor Inc THV Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Input Specifications
Input voltage
180, 300, 350 & 500 VDC models: +10.8 to +13.2 VDC
other VDC models: +10.8 to +16.5 VDC
Reserve voltage protection
none
Conducted noise (input)
internal filter
Output Specifications
Max. output current vs output voltage
100
80
60
40
20
100% output
50% output
(%)
0
0 Output current (lo)
100%
Voltage set accuracy
±5 %
Voltage adjustement range
0 – 100 %
(adjustable with external voltage 0 to +4 VDC or with 5 kOhm variable resistor)
Remote On/Off control (not for 180, 300, 350 VDC models)
On = pin 2 to pin 5 open
Off = pin 2 to pin 5 short
Regulation
– Input variation Vin min. to Vin max.
0.03 % max.
– Load variation 0 – 100 %
0.5 % max.
Ripple and noise
180, 300 & 350 VDC models: 30 mVpk-pk typ.
(20 MHz Bandwidth)
500 VDC models: 10 mVpk-pk typ.
1.0, 1.5 & 2.0 kVDC models: 8 mVpk-pk typ.
Temperature coefficient
±0.01 %/K
Stability
0.05 % 8h after warm-up time
Output current limitation
105 % of lout max., fold back
Short circuit protection
indefinite, automatic recovery
General Specifications
Temperature ranges
– Operating
–10°C to +60°C
– Case temperature
+95°C max.
– Storage
–25°C to +85°C
Derating
4 %/K above 50°C
Humidity (non condensing)
95 % rel H max.
Efficiency
60 – 65 %
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>300‘000 h
Isolation (Input/Output)
– Voltage
none
Switching frequency
125 kHz typ. (fixed)
Vibration
5 – 100 Hz amplitude 10 mm pk-pk
10 – 55 Hz acceleration 2 G
Thermal shock
acceleration 20 G max. time 11 ms.
Environmental compliance
– Reach
www.tracopower.com/products/thv-reach.pdf
– RoHS
RoHS Directive 2011/65/EU
High Voltage Power Supplies
THV Series
2 – 3 Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com