Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THV Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THV
Description  High Voltage Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THV Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THV Datasheet HTML 1Page - Touchstone Semiconductor Inc THV Datasheet HTML 2Page - Touchstone Semiconductor Inc THV Datasheet HTML 3Page - Touchstone Semiconductor Inc THV Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
Features
◆
Compact high voltage power supplies
◆
Full SMD design with ceramic capacitors
for highest reliability
◆
Positive or negative polarity models
◆
PCB- and flying lead versions
◆
Excellent output stability
◆
Low temperature coefficient
◆
Ultra low ripple
◆
Remote voltage programming 0 to 100 %
◆
Short circuit protection
◆
Shielded metal case
◆
3-year product warranty
High Voltage Power Supplies
THV Series, 2 – 3 Watt
Order code
Input voltage range
Output voltage
Output current max.*
Case
THV 12-180P
THV 12-180N
THV 12-300P
THV 12-300N
THV 12-350P
THV 12-350N
THV 12-500P
THV 12-500N
12 VDC
10.8 – 13.2 VDC
0...+180 VDC
0...–180 VDC
0...+300 VDC
0...–300 VDC
0...+350 VDC
0...–350 VDC
0...+500 VDC
0...–500 VDC
12 mA
12 mA
10 mA
10 mA
7 mA
7 mA
6 mA
6 mA
A
A
A
A
A
A
B
B
THV 12-1000P
THV 12-1000N
THV 12-1500P
THV 12-1500N
THV 12-2000P
THV 12-2000N
12 VDC
10.8 – 16.5 VDC
0...+1000 VDC
0...–1000 VDC
0...+1500 VDC
0...–1500 VDC
0...+2000 VDC
0...–2000 VDC
2 mA
2 mA
1.3 mA
1.3 mA
1 mA
1 mA
B
B
B
B
B
B
SHV 12-0.5 K 6000P
SHV 12-0.5 K 6000N
12 VDC
10.8 – 13.2 VDC
0...+500 VDC
0...–500 VDC
6 mA
6 mA
C
C
SHV 12-1.0 K 2000P
SHV 12-1.0 K 2000N
SHV 12-1.5 K 1300P
SHV 12-1.5 K 1300N
SHV 12-2.0 K 1000P
12 VDC
10.8 – 16.5 VDC
0...+1000 VDC
0...–1000 VDC
0...+1500 VDC
0...–1500 VDC
0...+2000 VDC
0...–2000 VDC
2 mA
2 mA
1.3 mA
1.3 mA
1 mA
1 mA
C
C
C
C
C
C
SHV 12-2.0 K 1000N
Models
The THV / SHV series are regulated miniature high voltage power modules
using SMD and hybrid technology. They are designed for PCB mounting
(THV series) or chassis mounting (SHV series). The use of high stability compo-
nents guarantees a minimal temperature drift and a very stable output voltage.
Typical applications for these high voltage power supplies are photomultiplier tubes,
gas chromatography, analytical instruments and wherever where small size and
high output voltage stability is requested.
Appendix P for positive output polarity / Appendix N for negative output polarity
*see page 2 for max. output current vs output voltage


Similar Part No. - THV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
THV RUBYCON-THV Datasheet
140Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
logo
Tyco Electronics
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
logo
M/A-COM Technology Solu...
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers
logo
Tyco Electronics
THV-50BNC MACOM-THV-50BNC Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
More results

Similar Description - THV

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
152A-4KV-NEG TDK-152A-4KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-1KV-POS TDK-102A-1KV-POS Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-5KV-NEG TDK-102A-5KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-20KV-POS TDK-102A-20KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-30KV-NEG TDK-102A-30KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-6KV-POS TDK-102A-6KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
152A-2KV-NEG TDK-152A-2KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com