Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THV Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # THV
Description  High Voltage Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THV Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  THV Datasheet HTML 1Page - Touchstone Semiconductor Inc THV Datasheet HTML 2Page - Touchstone Semiconductor Inc THV Datasheet HTML 3Page - Touchstone Semiconductor Inc THV Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Page 4 of 4
Outline Dimensions
Pin
Case A
Case B
1
+Vin (Vcc)
+Vin (Vcc)
2
–Vin (GND)
–Vin (GND)
3
V adj.
V adj.
4
V ref.
V ref.
5
Common
ON/OFF
6
Vout
Common
7
no pin
Vout
Pin-Out
Rev. January 10. 2014
Dimensions in [mm], () = Inch
Pin diameter: 0.65 ±0.05 (0.03 ±0.002)
Tolerances: ±0.5 (±0.02)
80
Case A
1– 4
5
6
(3.15)
3 x 2.54
(3 x 0.1)
27.94
(1.1)
17.78
(0.7)
15.24
(0.6)
12
(0.47)
2
(0.08)
110
Case B
1 – 5
6
7
(4.33)
4 x 2.54
(4 x 0.1)
40.64
(1.6)
38.10
(1.5)
7.62
(0.3)
12
(0.47)
2
(0.08)
131
Case C
Case C
6
7
1– 5
(5.16)
Lead length 250 mm (10.0)
4.0
(0.16)
4.0
(0.16)
4.5
(0.18)
Pin
Lead color
Case C
1
red
+Vin (Vcc)
2
black
–Vin (GND)
3
yellow
V adj.
4
orange
V ref.
5
blue
ON/OFF
6
black
Common
7
red
Vout
Pin-Out
High Voltage Power Supplies
THV Series
2 – 3 Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com