Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For high-speed differential signal line, general signal line ACM series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 3 Page - TDK Electronics

  ACM2012 Datasheet HTML 1Page - TDK Electronics ACM2012 Datasheet HTML 2Page - TDK Electronics ACM2012 Datasheet HTML 3Page - TDK Electronics ACM2012 Datasheet HTML 4Page - TDK Electronics ACM2012 Datasheet HTML 5Page - TDK Electronics ACM2012 Datasheet HTML 6Page - TDK Electronics ACM2012 Datasheet HTML 7Page - TDK Electronics ACM2012 Datasheet HTML 8Page - TDK Electronics ACM2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(3/11)
001-01 / 20130723 / e9712_acm.fm
• All specifications are subject to change without notice.
EMC Components
Common Mode Filters
For high-speed differential signal line, general signal line
FEATURES
Downsized wound type chip common mode filter that maintains required common mode filter characteristics.
Impedance for common mode noise can clear 1000
: [100MHz], and has excellent EMC suppression.
Differential mode impedance is suppressed, so there is virtually no affect on high speed signals.
There is a two-line type and a three-line type, so they can be used for various circuits and noise.
APPLICATION
Common mode noise countermeasure for high-speed differential signals where influence to the signal is a concern.
USB line for PCs and peripheral devices.
IEEE1394 lines and ETHERNET lines for PCs, STBs, etc.
LCD panel LVDS and Panel Link lines.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Overview of the ACM Series
ACM
2012
-
900
-
2P
-
T
-
002
Series name
L×W×H Dimensions
Impedance
Number of lines
Packaging style
Internal code
(mm)
(
:) at 100MHz
2012
2.0×1.2×1.3
900
90
2P
2 lines
T
ø180mm reel
2520
2.5×2.0×1.2
201
200
3P
3 lines
TL
ø330mm reel
102
1000
Type
Temperature range
Reel diameter
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(mm)
(pieces/reel)
(mg)
ACM2012
–40 to +85
–40 to +85
ø180
2,000
10
ø330
10,000
ACM2520
–40 to +85
–40 to +85
ø180
2,000
25
ø330
10,000
Product compatible with RoHS directive
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com