Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012 Datasheet(PDF) 6 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For high-speed differential signal line, general signal line ACM series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 6 Page - TDK Electronics

Back Button ACM2012 Datasheet HTML 2Page - TDK Electronics ACM2012 Datasheet HTML 3Page - TDK Electronics ACM2012 Datasheet HTML 4Page - TDK Electronics ACM2012 Datasheet HTML 5Page - TDK Electronics ACM2012 Datasheet HTML 6Page - TDK Electronics ACM2012 Datasheet HTML 7Page - TDK Electronics ACM2012 Datasheet HTML 8Page - TDK Electronics ACM2012 Datasheet HTML 9Page - TDK Electronics ACM2012 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(6/11)
001-01 / 20130723 / e9712_acm.fm
• All specifications are subject to change without notice.
EMC Components
ACM series 
ACM2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
(
:) [100MHz]
DC resistance
(
:)max.[per line]
Rated voltage
(V)max.
Rated current
(A)max.
Part No.
min.
typ.
65
90
0.19
50
0.4
ACM2012-900-2P-T002
90
120
0.22
50
0.37
ACM2012-121-2P-T002
150
200
0.25
50
0.35
ACM2012-201-2P-T002
270
360
0.5
50
0.22
ACM2012-361-2P-T002
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4991A
Agilent Technologies
1
10
100
1000
10000
1000
100
1
10
Frequency (MHz)
201 Common mode
900 Common mode
121 Common mode
361 Common mode
121 Differential mode
201 Differential mode
900 Differential mode
361 Differential mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com