Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012 Datasheet(PDF) 8 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For high-speed differential signal line, general signal line ACM series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 8 Page - TDK Electronics

Back Button ACM2012 Datasheet HTML 3Page - TDK Electronics ACM2012 Datasheet HTML 4Page - TDK Electronics ACM2012 Datasheet HTML 5Page - TDK Electronics ACM2012 Datasheet HTML 6Page - TDK Electronics ACM2012 Datasheet HTML 7Page - TDK Electronics ACM2012 Datasheet HTML 8Page - TDK Electronics ACM2012 Datasheet HTML 9Page - TDK Electronics ACM2012 Datasheet HTML 10Page - TDK Electronics ACM2012 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(8/11)
001-01 / 20130723 / e9712_acm.fm
• All specifications are subject to change without notice.
EMC Components
ACM series 
ACM2520-2P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
(
:) [100MHz]
DC resistance
(
:)max.[per line]
Rated voltage
(V)max.
Rated current
(A)max.
Part No.
min.
typ.
225
300
0.35
20
0.4
ACM2520-301-2P-T002
330
450
0.4
20
0.35
ACM2520-451-2P-T002
450
600
0.45
20
0.3
ACM2520-601-2P-T002
750
1000
0.9
20
0.2
ACM2520-102-2P-T002
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4991A
Agilent Technologies
1
10
100
1000
10000
1000
100
1
10
Frequency (MHz)
601 Common mode
301 Common mode
451 Common mode
102 Common mode
451 Differential mode
601 Differential mode
301 Differential mode
102 Differential mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com