Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ50-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5228BUJZ50-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5228BUJZ50-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 16Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5228
Rev. A | Page 13 of 20
Potentiometer Mode Operation
If all three terminals are used, the operation is called potenti-
ometer mode. The most common configuration is the voltage
divider operation as shown in Figure 36.
A
W
B
VI
VC
Figure 36. Potentiometer Mode Configuration
The change of VWB is known provided that the AD5228
maximum or minimum scale has not been reached during
operation. If the effect of wiper resistance is ignored, the
transfer functions can be simplified as
A
WB
V
PU
V
32
+
=
Δ
(5)
A
WB
V
PD
V
32
+
=
Δ
(6)
Unlike in rheostat mode operation where the absolute tolerance
is high, potentiometer mode operation yields an almost ratio-
metric function of PU/32 or PD/32 with a relatively small error
contributed by the RW term. The tolerance effect is, therefore,
almost canceled. Although the thin film step resistor RS and
CMOS switch resistance, RW, have very different temperature
coefficients, the ratiometric adjustment also reduces the overall
temperature coefficient effect to 5 ppm/°C except at low value
codes where RW dominates.
Potentiometer mode operations include an op amp input and
feedback resistors network and other voltage scaling applications.
The A, W, and B terminals can be input or output terminals and
have no polarity constraint provided that |VAB|, |VWA|, and |VWB|
do not exceed VDD-to-GND.
CONTROLLING INPUTS
All PU and PD inputs are protected with a Zener ESD structure
as shown in
.
Figure 37
VDD
PU
100k
Ω
DECODE
AND
DEBOUNCE
CKT
Figure 37. Equivalent ESD Protection in PU and PD Pins
PU and PD pins are usually connected to pushbutton tactile
switches for manual operation, but the AD5228 can also be
controlled digitally. It is recommended to add external
MOSFETs or transistors that simplify the logic controls.
UP/DOWN
CONTROL
LOGIC
DISCRETE
STEP/AUTO
SCAN DETECT
ADAPTIVE
DEBOUNCER
ZERO- OR MID-
SCALE PRESET
AD5228
R1
R2
D
E
C
O
D
E
A
W
B
VDD
PRE
GND
PU
PD
DOWN
N2
2N7002
UP
N1
2N7002
Figure 38. Digital Control with External MOSFETs
TERMINAL VOLTAGE OPERATION RANGE
The AD5228 is designed with internal ESD diodes for
protection. These diodes also set the voltage boundary of the
terminal operating voltages. Positive signals present on
Terminal A, B, or W that exceed VDD are clamped by the
forward-biased diode. There is no polarity constraint between
VA, VW, and VB, but they cannot be higher than VDD or lower
than GND.
VDD
GND
A
W
B
Figure 39. Maximum Terminal Voltages Set by VDD and GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com