Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ50-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5228BUJZ50-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5228BUJZ50-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 16Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 17Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 18Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 19Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5228
Rev. A | Page 17 of 20
3.50
3.40
3.41
3.42
3.43
3.44
3.45
3.46
3.47
3.48
3.49
02468
10
1
DAYS
CONSTANT BIAS WITH SUPPLY TO
RETAIN RESISTANCE SETTING
2
TA = 25°C
Users who consider EEMEM potentiometers but cannot justify
the additional cost and programming for their designs can
consider constantly biasing the AD5228 with the supply to
retain the resistance setting as shown in Figure 46. The AD5228
is designed specifically with low power to allow power conser-
vation even in battery-operated systems. As shown in Figure 47,
a similar low power digital potentiometer is biased with a 3.4 V
450 mA/hour Li-Ion cell phone battery. The measurement shows
that the device drains negligible power. Constantly biasing the
potentiometer is a practical approach because most of the
portable devices do not require detachable batteries for charging.
Although the resistance setting of the AD5228 is lost when the
battery needs to be replaced, this event occurs so infrequently
that the inconvenience is minimal for most applications.
Figure 47. Battery Consumption Measurement
VDD
AD5228
U1
GND
VDD
U2
GND
COMPONENT X
VDD
U3
GND
COMPONENT Y
GND
VDD
SW1
+
–
Figure 46. Constant Bias AD5228 for Resistance Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com