Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ50-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5228BUJZ50-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5228BUJZ50-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 16Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 17Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 18Page - Analog Devices AD5228BUJZ50-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5228
Rev. A | Page 15 of 20
APPLICATIONS
MANUAL ADJUSTABLE LED DRIVER
The AD5228 can be used in many electronics-level adjustments
such as LED drivers for LCD panel backlight controls. Figure 41
shows a manually adjustable LED driver. The AD5228 sets the
voltage across the white LED D1 for the brightness control.
Since U2 handles up to 250 mA, a typical white LED with VF of
3.5 V requires a resistor, R1, to limit U2 current. This circuit is
simple but not power efficient. The U2 shutdown pin can be
toggled with a PWM signal to conserve power.
PUSH-UP
BUTTON
PUSH-DOWN
BUTTON
A
W
B
10k
Ω
VDD
GND
PRE
PU
PD
U1
AD5228
C1
1
μF
C2
0.1
μF
5V
U2
AD8591
+
–
V+
V–
SD
5V
C3
0.1
μF
R1
6
Ω
WHITE
LED
D1
PWM
Figure 41. Low Cost Adjustable LED Driver
ADJUSTABLE CURRENT SOURCE FOR LED DRIVER
Because LED brightness is a function of current rather than of
forward voltage, an adjustable current source is preferred as
shown in Figure 42. The load current can be found as the VWB
of the AD5228 divided by RSET.
SET
WB
D1
R
V
I
=
(7)
The U1 ADP3333ARM-1.5 is a 1.5 V LDO that is lifted above
or lowered below 0 V. When VWB of the AD5228 is at its
minimum, there is no current through D1, so the GND pin of U1
is at –1.5 V if U3 is biased with the dual supplies. As a result,
some of the U2 low resistance steps have no effect on the output
until the U1 GND pin is lifted above 0 V. When VWB of the
AD5228 is at its maximum, VOUT becomes VL + VAB, so the U1
supply voltage must be biased with adequate headroom. Similarly,
PWM signal can be applied at the U1 shutdown pin for power
efficiency.
PUSH-UP
BUTTON
PUSH-DOWN
BUTTON
A
W
B
10k
Ω
R1
418k
Ω
VDD
GND
PRE
PU
PD
U2
AD5228
5V
5V
U3
AD8591
+
–
V+
V–
5V
PWM
VIN
VOUT
GND
U1
ADP3333
ARM-1.5
SD
RSET
0.1
Ω
VL
ID
D1
Figure 42. Adjustable Current Source for LED Driver
ADJUSTABLE HIGH POWER LED DRIVER
The previous circuit works well for a single LED. Figure 43
shows a circuit that can drive three to four high power LEDs.
The ADP1610 is an adjustable boost regulator that provides the
voltage headroom and current for the LEDs. The AD5228 and
the op amp form an average gain of 12 feedback network that
servos the RSET voltage and the ADP1610 FB pin 1.2 V band gap
reference voltage. As the loop is set, the voltage across RSET is
regulated around 0.1 V and adjusted by the digital
potentiometer.
SET
R
LED
R
V
I
SET
=
(8)
RSET should be small enough to conserve power but large enough
to limit maximum LED current. R3 should also be used in par-
allel with AD5228 to limit the LED current within an achievable
range. A wider current adjustment range is possible by lowering
the R2 to R1 ratio as well as changing R3 accordingly.
SS
RT GND
IN
U2
ADP1610
SW
FB
PWM
1.2V
SD
COMP
CSS
10nF
CC
390pF
RC
100k
Ω
L1
10
μF
D1
C3
10
μF
R4
13.5k
Ω
D2
D3
D4
VOUT
C2
10
μF
5V
+
–
AD8541
U1
L1–SLF6025-100M1R0
D1–MBR0520LT1
U3
V+
V–
5V
C8
0.1
μF
U1
AD5228
BA
10k
Ω
R3
200
Ω
W
R1
100
Ω
R2
1.1k
Ω
RSET
0.25
Ω
Figure 43. Adjustable Current Source for LEDs in Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com