Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ100-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5228BUJZ100-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ100-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5228BUJZ100-R2 Datasheet HTML 2Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 3Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 4Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 5Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 6Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 7Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5228
Rev. A | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5228
PU
1
PD
2
A
3
GND
4
VDD
PRE
B
W
8
7
6
5
Figure 6. SOT-23-8 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PU
Push-Up Pin.
Connect to the external pushbutton. Active low. A 100 kΩ pull-up resistor is connected to VDD.
2
PD
Push-Down Pin.
Connect to the external pushbutton. Active low. A 100 kΩ pull-up resistor is connected to VDD.
3
A
Resistor Terminal A. GND ≤VA ≤ VDD.
4
GND
Common Ground.
5
W
Wiper Terminal W. GND ≤ VW ≤ VDD.
6
B
Resistor Terminal B. GND ≤ VB ≤ VDD.
7
PRE
Power-On Preset. Output = midscale if PRE = GND; output = zero scale if PRE = VDD. Do not let the PRE pin float.
No pull-up resistor is needed.
8
VDD
Positive Power Supply, 2.7 V to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com