Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ100-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5228BUJZ100-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ100-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5228BUJZ100-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 14Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 15Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 16Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 17Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5228
Rev. A | Page 14 of 20
LAYOUT AND POWER SUPPLY BIASING
POWER-UP AND POWER-DOWN SEQUENCES
It is always a good practice to use compact, minimum lead
length layout design. The leads to the input should be as direct
as possible with a minimum conductor length. Ground paths
should have low resistance and low inductance. It is also good
practice to bypass the power supplies with quality capacitors.
Low ESR (equivalent series resistance) 1 μF to 10 μF tantalum
or electrolytic capacitors should be applied at the supplies to
minimize any transient disturbance and to filter low frequency
ripple. Figure 39 illustrates the basic supply bypassing configu-
ration for the AD5228.
Because of the ESD protection diodes that limit the voltage
compliance at Terminals A, B, and W (Figure 39), it is
important to power on VDD before applying any voltage to
Terminals A, B, and W. Otherwise, the diodes are forward-
biased such that VDD is powered on unintentionally and can
affect other parts of the circuit. Similarly, VDD should be
powered down last. The ideal power-on sequence is in the
following order: GND, VDD, and VA/B/W. The order of powering
VA, VB, and VW is not important as long as they are powered on
after VDD. The states of the PU and PD pins can be logic high or
floating, but they should not be logic low during power-on.
VDD
VDD
+
GND
AD5228
C2
10
μF
C1
0.1
μF
Figure 40. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com