Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5228BUJZ100-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5228BUJZ100-R2
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ100-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5228BUJZ100-R2 Datasheet HTML 6Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 7Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 8Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 9Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 10Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 11Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 12Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 13Page - Analog Devices AD5228BUJZ100-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5228
Rev. A | Page 10 of 20
0
–60
–40
–20
100
1k
10k
100k
1M
FREQUENCY (Hz)
STEP = MIDSCALE, VA = VDD, VB = 0V
VDD = 3V DC ±10% p-p AC
VDD = 5V DC ±10% p-p AC
CH1 5.00V
CH2 200mV
M2.00ms
A CH1
2.80V
VW
1
2
PU
T
800.000ms
VDD = 5V
VA = 5V
VB = 0V
Figure 28. Autoscan Increment
Figure 25. PSRR
1.2
0
0.2
0.4
0.6
0.8
1.0
03
28
24
20
16
12
8
4
CODE (Decimal)
CH1 5.00V
CH2 100mV
M2.00ms
A CH1
3.00V
VW
2
1
PU
T
3.92000ms
Δ: 8.32ms Δ: 4.00mV
@: 8.24ms @: 378mV
VDD = 5V
VA = 5V
VB = 0V
2
RAB = 50kΩ
RAB = 10kΩ
RAB = 100kΩ
VA = OPEN
TA = 25°C
Figure 29. Maximum IWB vs. Code
Figure 26. Basic Increment
CH1 5.00V
CH2 100mV
M2.00ms
A CH1
2.60V
VW
1
2
PU
T
59.8000ms
VDD = 5V
VA = 5V
VB = 0V
Figure 27. Repetitive Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com