Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-0.8-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2139ACBZ-0.8-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-0.8-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2139ACBZ-0.8-R7 Datasheet HTML 1Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 2Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 3Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 4Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADP2138/ADP2139
Rev. C | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
EN
SW
GND VOUT
1
2
3
4
5
6
MODE
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
Figure 2. Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Power Source Input. VIN is the source of the PFET high-side switch. Bypass VIN to GND with a 4.7 μF or greater
capacitor as close to the ADP2138/ADP2139 as possible.
2
SW
Switch Node Output. SW is the drain of the P-channel MOSFET switch and N-channel synchronous rectifier.
Connect the output LC filter between SW and the output voltage.
3
GND
Ground. Connect the input and output capacitors to GND.
4
EN
Buck Activation. To turn on the buck, set EN to high. To turn off the buck, set EN to low.
5
MODE
Mode Input. Drive the MODE pin high for the operating mode to force continuous PWM switching. Drive the MODE
pin low to allow automatic PWM/PSM operating mode.
6
VOUT
Output Voltage Sensing Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com