Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-0.8-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2139ACBZ-0.8-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-0.8-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2139ACBZ-0.8-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 9Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 10Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 11Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 12Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP2138/ADP2139
Rev. C | Page 9 of 20
T
4
4
1
1
2
M 40.0µs A CH2
275mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 21. Response to Load Transient, 150 mA to 500 mA,
VOUT = 3.3 V, PWM Mode
T
4
4
1
1
2
M 40.0µs A CH2
114mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
100mA Ω
SW
VOUT
IOUT
Figure 22. Response to Load Transient, 50 mA to 200 mA,
VOUT = 3.3 V, Automatic Mode
CH1 20.0mV
CH3 1.00V
M 40.0µs
A CH3
4.50V
T
1
3
T
–84.0000µs
VOUT
VIN
Figure 23. Response to Line Transient, VOUT = 3.3 V, VIN = 4.0 V to 4.8 V,
PWM Mode
CH1 20.0mV
CH3 1.00V
M 40.0µs
A CH3
4.50V
T
1
3
T
–84.0000µs
VOUT
VIN
Figure 24. Response to Line Transient, VOUT = 0.8 V,
VIN = 4.0 V to 4.8 V, PWM Mode
CH1 20.0mV
CH3 1.00V
M 40.0µs
A CH3
4.50V
T
1
3
T
–84.0000µs
VOUT
VIN
Figure 25. Response to Line Transient, VOUT = 1.8 V,
VIN = 4.0 V to 4.8 V, PWM Mode
CH1
2.00V Ω
CH4 5.00V
CH2 500mA Ω
M 40.0µs
A CH3
2.50V
T 10.40%
CH3 5.00V
T
4
1
1
1
3
2
SW
VOUT
IIN
EN
Figure 26. Startup, VOUT = 1.8 V, IOUT = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com