Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-0.8-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2139ACBZ-0.8-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-0.8-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2139ACBZ-0.8-R7 Datasheet HTML 12Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 13Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 14Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 15Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 16Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 17Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 18Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 19Page - Analog Devices ADP2139ACBZ-0.8-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP2138/ADP2139
Rev. C | Page 17 of 20
ORDERING GUIDE
Model1
Temperature
Range
Output
Voltage (V)
Package Description
Package
Option
Branding
ADP2138ACBZ-0.8-R7
−40°C to +125°C
0.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LJH
ADP2138ACBZ-1.0-R7
−40°C to +125°C
1.0
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
L88
ADP2138ACBZ-1.2-R7
−40°C to +125°C
1.2
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
L89
ADP2138ACBZ-1.5-R7
−40°C to +125°C
1.5
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
L8A
ADP2138ACBZ-1.8-R7
−40°C to +125°C
1.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
L8C
ADP2138ACBZ-2.5-R7
−40°C to +125°C
2.5
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
L93
ADP2138ACBZ-2.8-R7
−40°C to +125°C
2.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LDH
ADP2138ACBZ-3.0-R7
−40°C to +125°C
3.0
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LDJ
ADP2138ACBZ-3.3-R7
−40°C to +125°C
3.3
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LDP
ADP2139ACBZ-0.8-R7
−40°C to +125°C
0.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LJJ
ADP2139ACBZ-1.0-R7
−40°C to +125°C
1.0
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHN
ADP2139ACBZ-1.2-R7
−40°C to +125°C
1.2
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHP
ADP2139ACBZ-1.5-R7
−40°C to +125°C
1.5
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHQ
ADP2139ACBZ-1.8-R7
−40°C to +125°C
1.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHR
ADP2139ACBZ-2.5-R7
−40°C to +125°C
2.5
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHS
ADP2139ACBZ-2.8-R7
−40°C to +125°C
2.8
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHT
ADP2139ACBZ-3.0-R7
−40°C to +125°C
3.0
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHU
ADP2139ACBZ-3.3-R7
−40°C to +125°C
3.3
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LHV
ADP2138CB-0.8EVALZ
Evaluation Board
ADP2138CB-1.0EVALZ
Evaluation Board
ADP2138CB-1.2EVALZ
Evaluation Board
ADP2138CB-1.5EVALZ
Evaluation Board
ADP2138CB-1.8EVALZ
Evaluation Board
ADP2138CB-2.5EVALZ
Evaluation Board
ADP2138CB-2.8EVALZ
Evaluation Board
ADP2138CB-3.0EVALZ
Evaluation Board
ADP2138CB-3.3EVALZ
Evaluation Board
ADP2139CB-0.8EVALZ
Evaluation Board
ADP2139CB-1.0EVALZ
Evaluation Board
ADP2139CB-1.2EVALZ
Evaluation Board
ADP2139CB-1.5EVALZ
Evaluation Board
ADP2139CB-1.8EVALZ
Evaluation Board
ADP2139CB-2.5EVALZ
Evaluation Board
ADP2139CB-2.8EVALZ
Evaluation Board
ADP2139CB-3.0EVALZ
Evaluation Board
ADP2139CB-3.3EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com